Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR3U40P1 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SBR3U40P1
Description  SUPER BARRIER RECTIFIER 3.0A SBR짰 POWERDI짰
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR3U40P1 Datasheet(HTML) 2 Page - Diodes Incorporated

  SBR3U40P1_15 Datasheet HTML 1Page - Diodes Incorporated SBR3U40P1_15 Datasheet HTML 2Page - Diodes Incorporated SBR3U40P1_15 Datasheet HTML 3Page - Diodes Incorporated SBR3U40P1_15 Datasheet HTML 4Page - Diodes Incorporated SBR3U40P1_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SBR and POWERDI are registered trademarks of Diodes Incorporated.
SBR3U40P1
Document number: DS31164 Rev. 11- 2
2 of 5
www.diodes.com
February 2015
© Diodes Incorporated
SBR3U40P1
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VRM
40
V
RMS Reverse Voltage
VR(RMS)
28
V
Average Rectified Output Current (See Figure 1)
IO
3
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
75
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Maximum Thermal Resistance
Thermal Resistance Junction to Soldering (Note 5)
Thermal Resistance Junction to Ambient (Note 6)
Thermal Resistance Junction to Ambient (Note 7)
RJS
RJA
RJA
5
175
100
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 8)
V(BR)R
40
-
-
V
IR = 400µA
Forward Voltage Drop
VF
-
0.30
0.34
V
IF = 0.5A, TJ = +25°C
-
0.34
0.39
IF = 1.0A, TJ = +25°C
-
0.42
0.47
IF = 3.0A, TJ = +25°C
Leakage Current (Note 8)
IR
-
70
400
µA
VR = 40V, TJ = +25°C
-
8
40
mA
VR = 40V, TJ = +125°C
Notes:
5. Theoretical RJS calculated from the top center of the die straight down to the PCB cathode tab solder junction.
6. FR-4 PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com.
7. Polymide PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com.
8. Short duration pulse test used to minimize self-heating effect.
Fig. 1 Forward Power Dissipation
Fig 2 Typical Forward Characteristics
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
0
0.2
0.4
0.6
0.8
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A


Similar Part No. - SBR3U40P1_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR3U40P1-7 DIODES-SBR3U40P1-7 Datasheet
153Kb / 5P
   SUPER BARRIER RECTIFIER POWERDI
SBR3U40P1Q-7 DIODES-SBR3U40P1Q-7 Datasheet
153Kb / 5P
   SUPER BARRIER RECTIFIER POWERDI
More results

Similar Description - SBR3U40P1_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR10A45SP5 DIODES-SBR10A45SP5_15 Datasheet
116Kb / 5P
   10A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR12U100P5 DIODES-SBR12U100P5_15 Datasheet
492Kb / 5P
   12A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR12U120P5 DIODES-SBR12U120P5_15 Datasheet
481Kb / 5P
   12.0A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR10U45SP5 DIODES-SBR10U45SP5_15 Datasheet
360Kb / 6P
   10A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR12A45SP5 DIODES-SBR12A45SP5_15 Datasheet
561Kb / 5P
   12A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR15U30SP5 DIODES-SBR15U30SP5_15 Datasheet
546Kb / 5P
   15A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR1045SP5 DIODES-SBR1045SP5_15 Datasheet
217Kb / 5P
   10A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR20U50SLP DIODES-SBR20U50SLP_15 Datasheet
435Kb / 5P
   SUPER BARRIER RECTIFIER POWERDI짰 20A SBR짰
SBR10U200P5 DIODES-SBR10U200P5_15 Datasheet
461Kb / 6P
   10A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR3A40SA DIODES-SBR3A40SA Datasheet
118Kb / 4P
   3.0A SBR짰 SUPER BARRIER RECTIFIER SMA
DS31107 Rev. 10 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com