Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3879 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3879
Description  Fast, Wide Operating Range No RSENSE Step-Down Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3879 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3879_15 Datasheet HTML 5Page - Linear Technology LTC3879_15 Datasheet HTML 6Page - Linear Technology LTC3879_15 Datasheet HTML 7Page - Linear Technology LTC3879_15 Datasheet HTML 8Page - Linear Technology LTC3879_15 Datasheet HTML 9Page - Linear Technology LTC3879_15 Datasheet HTML 10Page - Linear Technology LTC3879_15 Datasheet HTML 11Page - Linear Technology LTC3879_15 Datasheet HTML 12Page - Linear Technology LTC3879_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LTC3879
9
3879f
FUNCTIONAL DIAGRAM
15
SWITCH
LOGIC
OV
RUN
FCNT
RDS(S)
RON
TG
14
SW
16
BOOST
VFB
R1
MODE
ION
0.8V
1.5V
12
BG
13
PGND
0.66V
1μA
–67.5mV
160μA
RC
CC1
1.7ms
2.4V
NEG
CLMP
3.3μA
+1.2μA
POS
CLMP
FCNT
0.6V
0.6V
0.54V
3879 FD01
11
INTVCC
CB
CVCC
COUT
VOUT
CIN
VIN
DB
MT
MB
+
+
+
+
F
Q
S
R
8
PGOOD
2
SGND
6
R2
5.3V
REF
0.6V
REF
4
7
VIN
10
ICOMP
IREV
+
RUN
VRNG
3
RUN
9
ITH
5
+
+
+
1.16V
+
+
+
VRNG
0.560V
0.225V
X5.33
EA
SS
1
240k
CSS
TRACK/SS
1
SOFT-START DONE
tON =
(10pF)
OST
0.7V
ION
F
F


Similar Part No. - LTC3879_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3879 LINER-LTC3879 Datasheet
465Kb / 36P
   Current Mode Synchronous Controller for Sub Milliohm DCR Sensing
LTC3879 LINER-LTC3879 Datasheet
1Mb / 112P
   Single Phase Step-Down DC/DC Controller with Digital Power System Management
More results

Similar Description - LTC3879_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1778EGN LINER-LTC1778EGN Datasheet
254Kb / 24P
   Wide Operating Range, No RSENSE Step-Down Controller
LTC1778 LINER-LTC1778_15 Datasheet
272Kb / 24P
   Wide Operating Range, No RSENSE Step-Down Controller
LTC1778-1 LINER-LTC1778-1_15 Datasheet
272Kb / 24P
   Wide Operating Range, No RSENSE Step-Down Controller
LTC3778 LINER-LTC3778 Datasheet
297Kb / 24P
   Wide Operating Range, No RSENSE Step-Down Controller
LTC3778 LINER-LTC3778_15 Datasheet
310Kb / 24P
   Wide Operating Range, No RSENSE Step-Down Controller
LTC1778 LINER-LTC1778 Datasheet
303Kb / 24P
   Wide Operating Range, No RSENSE TM Step-Down Controller
REV A
LTC3878 LINER-LTC3878_15 Datasheet
408Kb / 26P
   Fast, Wide Operating Range No RSENSE Step-Down DC/DC Controller
LT3740 LINER-LT3740 Datasheet
232Kb / 20P
   Wide Operating Range, Valley Mode, No RSENSE??Synchronous Step-Down Controller
LTC3717 LINER-LTC3717_15 Datasheet
266Kb / 20P
   Wide Operating Range, No RSENSE Step-Down Controller for DDR/QDR Memory Termination
LTC3717-1 LINER-LTC3717-1_15 Datasheet
278Kb / 20P
   Wide Operating Range, No RSENSE Step-Down Controller for DDR/QDR Memory Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com