Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP2018LFK Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMP2018LFK
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2018LFK Datasheet(HTML) 1 Page - Diodes Incorporated

  DMP2018LFK_15 Datasheet HTML 1Page - Diodes Incorporated DMP2018LFK_15 Datasheet HTML 2Page - Diodes Incorporated DMP2018LFK_15 Datasheet HTML 3Page - Diodes Incorporated DMP2018LFK_15 Datasheet HTML 4Page - Diodes Incorporated DMP2018LFK_15 Datasheet HTML 5Page - Diodes Incorporated DMP2018LFK_15 Datasheet HTML 6Page - Diodes Incorporated DMP2018LFK_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DMP2018LFK
Document number: DS35357 Rev. 5 - 2
1 of 7
www.diodes.com
March 2012
© Diodes Incorporated
DMP2018LFK
P-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(on)max
ID
TA = 25°C
-20V
16m
Ω @ VGS = -4.5V
-12.8A
25m
Ω @ VGS = -2.0V
-10A
Description and Applications
This new generation MOSFET has been designed to minimize the on-
state resistance (RDS(on)) and yet maintain superior switching
performance, making it ideal for high efficiency power management
applications.
DC-DC Converters
Power management functions
Notebook PC Applications
Portable Equipment Applications
Features and Benefits
Low On-Resistance
Low Input Capacitance
Low Input/Output Leakage
ESD Protected Gate up to 2kV
Lead Free by Design, RoHS Compliant (Note 1)
"Green" Device (Note 2)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: U-DFN2523-6
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
⎯ NiPdAu over Copper leadframe. Solderable
per MIL-STD-202, Method 208
Weight: 0.008 grams (approximate)
Ordering Information (Note 3)
Part Number
Case
Packaging
DMP2018LFK-7
U-DFN2523-6
3,000 / Tape & Reel
DMP2018LFK-13
U-DFN2523-6
10,000 / Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. No purposely added lead. Halogen and Antimony free.
2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com.
3. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Date Code Key
Year
2011
2012
2013
2014
2015
2016
2017
Code
Y
Z
A
B
C
D
E
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
U-DFN2523-6
Bottom View
Equivalent Circuit
P8 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: Y = 2011)
M = Month (ex: 9 = September)
Source
Gate
Protection
Diode
Gate
Drain
ESD PROTECTED TO 2kV
Pin 1, 2 = Source
Pin 3 = Gate
Pin 4, 5, 6 = Drain
P8
Pin 1


Similar Part No. - DMP2018LFK_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP2018LFK-13 DIODES-DMP2018LFK-13 Datasheet
174Kb / 7P
   P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP2018LFK_15

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com