Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3832-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3832-1
Description  High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3832-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC3832-1_15 Datasheet HTML 1Page - Linear Technology LTC3832-1_15 Datasheet HTML 2Page - Linear Technology LTC3832-1_15 Datasheet HTML 3Page - Linear Technology LTC3832-1_15 Datasheet HTML 4Page - Linear Technology LTC3832-1_15 Datasheet HTML 5Page - Linear Technology LTC3832-1_15 Datasheet HTML 6Page - Linear Technology LTC3832-1_15 Datasheet HTML 7Page - Linear Technology LTC3832-1_15 Datasheet HTML 8Page - Linear Technology LTC3832-1_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
LTC3832/LTC3832-1
sn3832 3832fs
Supply Voltage
VCC ....................................................................... 9V
PVCC1,2 ................................................................ 14V
Input Voltage
IFB, IMAX ............................................... – 0.3V to 14V
SENSE+, SENSE, FB,
SHDN, FREQSET ....................... – 0.3V to VCC + 0.3V
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
Junction Temperature ........................................... 125
°C
Operating Temperature Range (Note 9) .. – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
LTC3832-1ES8
GN
PART MARKING
38321
1
2
3
4
8
7
6
5
TOP VIEW
G2
VCC/PVCC2
COMP
SS
G1
PVCC1
GND
FB
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 125°C, θJA = 130°C/ W
ORDER PART
NUMBER
LTC3832EGN
TJMAX = 125°C, θJA = 130°C/ W
GN PACKAGE
16-LEAD PLASTIC SSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
G1
PVCC1
PGND
GND
SENSE
FB
SENSE+
SHDN
G2
PVCC2
VCC
IFB
IMAX
FREQSET
COMP
SS
Consult LTC Marketing for parts specified with wider operating temperature ranges.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Supply Voltage
q
358
V
PVCC
PVCC1, PVCC2 Voltage
(Note 7)
q
3
13.2
V
VUVLO
Undervoltage Lockout Voltage
2.4
2.9
V
VFB
Feedback Voltage
VCOMP = 1.25V
0.595
0.6
0.605
V
q
0.593
0.6
0.607
V
VOUT
Output Voltage
VCOMP = 1.25V
2.462
2.5
2.538
V
q
2.450
2.5
2.550
V
∆VOUT
Output Load Regulation
IOUT = 0A to 10A (Note 6)
2
mV
Output Line Regulation
VCC = 4.75V to 5.25V
0.1
mV
The q denotes specifications that apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. VCC, PVCC1, PVCC2 = 5V, unless otherwise noted. (Note 2)
ELECTRICAL CHARACTERISTICS
S8
PART MARKING
3832


Similar Part No. - LTC3832-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3832-1ES8 LINER-LTC3832-1ES8 Datasheet
316Kb / 24P
   High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
More results

Similar Description - LTC3832-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3830 LINER-LTC3830_15 Datasheet
275Kb / 24P
   High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
LTC3832 LINER-LTC3832_15 Datasheet
326Kb / 24P
   High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
LTC3832 LINER-LTC3832 Datasheet
316Kb / 24P
   High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
LTC3830 LINER-LTC3830 Datasheet
305Kb / 24P
   High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
LTC3830-1 LINER-LTC3830-1_15 Datasheet
275Kb / 24P
   High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
logo
Maxim Integrated Produc...
MAX1744_0908 MAXIM-MAX1744_0908 Datasheet
305Kb / 15P
   High-Voltage, Step-Down DC-DC Controllers in μMAX
Rev 4; 8/09
logo
Linear Technology
LTC3869 LINER-LTC3869 Datasheet
2Mb / 40P
   Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
LTC3869 LINER-LTC3869_15 Datasheet
524Kb / 42P
   Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
LTC3869EUFD LINER-LTC3869EUFD Datasheet
313Kb / 8P
   Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
LTC3869-2 LINER-LTC3869-2_15 Datasheet
524Kb / 42P
   Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com