Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPG175TA Datasheet(PDF) 3 Page - NEC

Part # UPG175TA
Description  L-Band PA DRIVER AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPG175TA Datasheet(HTML) 3 Page - NEC

  UPG175TA Datasheet HTML 1Page - NEC UPG175TA Datasheet HTML 2Page - NEC UPG175TA Datasheet HTML 3Page - NEC UPG175TA Datasheet HTML 4Page - NEC UPG175TA Datasheet HTML 5Page - NEC UPG175TA Datasheet HTML 6Page - NEC UPG175TA Datasheet HTML 7Page - NEC UPG175TA Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Preliminary Data Sheet
3
µµµµPG175TA
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, TA = 25°C, VDD1 = VDD2 = +3.0 V,
ππππ/4DQPSK modulated signal input,
External input and output matching)
PARAMETERS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Operating Frequency
f
925
960
MHz
Total Current
IDD
Pin = –21 dBm, VAGC = 2.5 V
20
30
mA
AGC Control Current
IAGC
VAGC = 0.5 to 2.5 V
200
500
µA
Power Gain
Gp
Pin = –21 dBm, VAGC = 2.5 V
27
30
dB
Variable Gain Range
∆G
Pin = –21 dBm, VAGC = 0.5 to 2.5 V
30
35
dB
Adjacent Channel Power
Leakage 1
Padj1
Pout = +9 dBm, VAGC = 2.5 V
∆f = ±50 kHz, 21 kHz Band Width
–60
–55
dBc
Adjacent Channel Power
Leakage 2
Padj2
Pout = +9 dBm, VAGC = 2.5 V
∆f = ±100 kHz, 21 kHz Band Width
–70
–65
dBc
Input Return Loss
RLin
External matching
10
dB
Output Return Loss
RLout
External matching
10
dB


Similar Part No. - UPG175TA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPG171GV RENESAS-UPG171GV Datasheet
200Kb / 10P
   GaAs INTEGRATED CIRCUIT
1996
UPG171GV-E1 RENESAS-UPG171GV-E1 Datasheet
200Kb / 10P
   GaAs INTEGRATED CIRCUIT
1996
logo
NEC
UPG173TA NEC-UPG173TA Datasheet
86Kb / 8P
   L-BAND PA DRIVER AMPLIFIER
UPG173TA NEC-UPG173TA Datasheet
22Kb / 2P
   GaAs INTEGRATED CIRCUIT L-BAND PA DRIVER AMPLIFIER
UPG173TA-E3 NEC-UPG173TA-E3 Datasheet
86Kb / 8P
   L-BAND PA DRIVER AMPLIFIER
More results

Similar Description - UPG175TA

ManufacturerPart #DatasheetDescription
logo
NEC
UPG2106TB NEC-UPG2106TB Datasheet
87Kb / 12P
   L-BAND PA DRIVER AMPLIFIER
UPG174TA NEC-UPG174TA Datasheet
66Kb / 6P
   L-BAND PA DRIVER AMPLIFIER
logo
California Eastern Labs
UPG2106TB CEL-UPG2106TB Datasheet
155Kb / 3P
   L-BAND PA DRIVER AMPLIFIER
logo
NEC
UPG2134TB NEC-UPG2134TB Datasheet
58Kb / 9P
   L-BAND PA DRIVER AMPLIFIER
UPG173TA NEC-UPG173TA Datasheet
86Kb / 8P
   L-BAND PA DRIVER AMPLIFIER
logo
California Eastern Labs
UPG2110TB CEL-UPG2110TB Datasheet
149Kb / 3P
   L-BAND PA DRIVER AMPLIFIER
logo
NEC
UPG173TA NEC-UPG173TA_00 Datasheet
22Kb / 2P
   GaAs INTEGRATED CIRCUIT L-BAND PA DRIVER AMPLIFIER
logo
United Monolithic Semic...
CHZ015A-QEG UMS-CHZ015A-QEG Datasheet
1Mb / 14P
   15W L-Band Driver
logo
DAICO Industries, Inc.
CAMH9223 DAICO-CAMH9223 Datasheet
228Kb / 1P
   L-Band Pre-Amplifier
CAMH9126 DAICO-CAMH9126 Datasheet
69Kb / 1P
   L-Band Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com