Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP1022UFDE Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP1022UFDE
Description  12V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP1022UFDE Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP1022UFDE_15 Datasheet HTML 1Page - Diodes Incorporated DMP1022UFDE_15 Datasheet HTML 2Page - Diodes Incorporated DMP1022UFDE_15 Datasheet HTML 3Page - Diodes Incorporated DMP1022UFDE_15 Datasheet HTML 4Page - Diodes Incorporated DMP1022UFDE_15 Datasheet HTML 5Page - Diodes Incorporated DMP1022UFDE_15 Datasheet HTML 6Page - Diodes Incorporated DMP1022UFDE_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMP1022UFDE
Datasheet number: DS35477 Rev. 9 - 2
2 of 7
www.diodes.com
July 2012
© Diodes Incorporated
DMP1022UFDE
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
-12
V
Gate-Source Voltage
VGSS
±8
V
Continuous Drain Current (Note 6) VGS = -4.5V
Steady
State
TA = +25°C
TA = +70°C
ID
-9.1
-7.2
A
t<5s
TA = +25°C
TA = +70°C
ID
-11.2
-9.0
A
Pulsed Drain Current (10μs pulse, duty cycle = 1%)
IDM
-90
A
Continuous Source-Drain Diode Current
TA = +25°C
TC = +25°C
IS
-2.5
-7.1
A
Pulsed Source-Drain Diode Current (10μs pulse, duty cycle = 1%)
ISM
-50
A
Thermal Characteristics
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
TA = +25°C
PD
0.66
W
TA = +70°C
0.42
Thermal Resistance, Junction to Ambient (Note 5)
Steady state
RθJA
189
°C/W
t<5s
123
Total Power Dissipation (Note 6)
TA = +25°C
PD
2.03
W
TA = +70°C
1.3
Thermal Resistance, Junction to Ambient (Note 6)
Steady state
RθJA
61
°C/W
t<5s
40
Thermal Resistance, Junction to Case (Note 6)
Steady state
RθJC
9.3
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
5. Device mounted on FR-4 PC board, with minimum recommended pad layout, single sided.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal vias to bottom layer 1inch square copper plate
0.01
0.1
1
10
100
0.01
0.1
1
10
100
-V , DRAIN-SOURCE VOLTAGE (V)
Fig. 1 SOA, Safe Operation Area
DS
R
Limited
DS(on)
DC
P = 10s
W
P = 1s
W
P = 100ms
W
P = 10ms
W
P = 1ms
W
P = 100µs
W
P = 10 s
W
µ
0
10
20
30
40
50
60
70
80
90
100
t1, PULSE DURATION TIME (sec)
Fig. 2 Single Pulse Maximum Power Dissipation
0.001 0.01
0.1
1
10
100 1,000
0.0001
Single Pulse
R
= 61 C/W
R
= r * R
T - T = P * R
θ
θθ
θ
JA
JA(t)
(t)
JA
JA
JA(t)
°


Similar Part No. - DMP1022UFDE_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP1022UFDE DIODES-DMP1022UFDE_17 Datasheet
486Kb / 8P
   12V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP1022UFDE_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP1245UFCL DIODES-DMP1245UFCL_15 Datasheet
464Kb / 7P
   12V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP1022UFDE DIODES-DMP1022UFDE Datasheet
212Kb / 7P
   12V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP1012USS DIODES-DMP1012USS Datasheet
375Kb / 7P
   12V P-CHANNEL ENHANCEMENT MODE MOSFET
August 2018 Rev. 3 - 2
logo
First Components Intern...
FMT6401 FCI-FMT6401 Datasheet
381Kb / 3P
   12V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMP1022UFDE DIODES-DMP1022UFDE_17 Datasheet
486Kb / 8P
   12V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2305DSLT1G LRC-LP2305DSLT1G Datasheet
510Kb / 5P
   12V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMP1022UFDF DIODES-DMP1022UFDF_15 Datasheet
476Kb / 6P
   12V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP1555UFA DIODES-DMP1555UFA Datasheet
391Kb / 6P
   12V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP1012UFDF DIODES-DMP1012UFDF Datasheet
360Kb / 7P
   12V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP1245UFCL DIODES-DMP1245UFCL Datasheet
219Kb / 7P
   12V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com