Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HRD80N06K Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # HRD80N06K
Description  Superior Avalanche Rugged Technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HRD80N06K Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HRD80N06K Datasheet HTML 1Page - SemiHow Co.,Ltd. HRD80N06K Datasheet HTML 2Page - SemiHow Co.,Ltd. HRD80N06K Datasheet HTML 3Page - SemiHow Co.,Ltd. HRD80N06K Datasheet HTML 4Page - SemiHow Co.,Ltd. HRD80N06K Datasheet HTML 5Page - SemiHow Co.,Ltd. HRD80N06K Datasheet HTML 6Page - SemiHow Co.,Ltd. HRD80N06K Datasheet HTML 7Page - SemiHow Co.,Ltd. HRD80N06K Datasheet HTML 8Page - SemiHow Co.,Ltd. HRD80N06K Datasheet HTML 9Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
◎ SEMIHOW REV.A0,December 2014
BV
DSS = 60 V
R
DS(on) typ = 6.3mΩ
I
D = 114 A
FEATURES
Absolute Maximum Ratings
T
C=25℃ unless otherwise specified
HRD80N06K / HRU80N06K
60V N-Channel Trench MOSFET
Symbol
Parameter
Value
Units
V
DSS
Drain-Source Voltage
60
V
I
D
Drain Current
– Continuous (T
C = 25℃)
114 *
A
Drain Current
– Continuous (T
C = 100℃)
80 *
A
I
DM
Drain Current
– Pulsed
(Note 1)
400 *
A
V
GS
Gate-Source Voltage
±25
V
E
AS
Single Pulsed Avalanche Energy
(Note 2)
340
mJ
E
AR
Repetitive Avalanche Energy
(Note 1)
16
mJ
P
D
Power Dissipation (T
A = 25℃)*
3
W
Power Dissipation (T
C = 25℃)
- Derate above 25℃
160
W
1.07
W/℃
T
J, TSTG
Operating and Storage Temperature Range
-55 to +175
T
L
Maximum lead temperature for soldering purposes,
1/8” from case for 5 seconds
300
1.Gate 2. Drain 3. Source
Thermal Resistance Characteristics
Symbol
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
--
0.9
℃/W
RθJA
Junction-to-Ambient*
--
50
RθJA
Junction-to-Ambient
--
110
December 2014
2
1
2
3
1
3
D-PAK
I-PAK
HRD80N06K
HRU80N06K
* When mounted on the minimum pad size recommended (PCB Mount)
 Originative New Design
 Superior Avalanche Rugged Technology
 Excellent Switching Characteristics
 Unrivalled Gate Charge : 90 nC (Typ.)
 Extended Safe Operating Area
 Lower R
DS(ON) : 6.3 mΩ (Typ.) @VGS=10V
 100% Avalanche Tested
* Drain current limited by maximum junction temperature


Similar Part No. - HRD80N06K

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HRD0103C RENESAS-HRD0103C Datasheet
128Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
logo
RMT Ltd.
HRD02-040-03L04 RMT-HRD02-040-03L04 Datasheet
1Mb / 5P
   Thermoelectric Solutions
HRD02-040-05L04 RMT-HRD02-040-05L04 Datasheet
1Mb / 5P
   Thermoelectric Solutions
logo
Renesas Technology Corp
HRD0203C RENESAS-HRD0203C Datasheet
51Kb / 8P
   SILICON SCHOTTKY BARRIER DIODE FOR RECTIFYING
HRD0203C RENESAS-HRD0203C Datasheet
82Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
More results

Similar Description - HRD80N06K

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HRLD150N10K SEMIHOW-HRLD150N10K Datasheet
326Kb / 9P
   Superior Avalanche Rugged Technology
HCD65R360S SEMIHOW-HCD65R360S Datasheet
268Kb / 8P
   Superior Avalanche Rugged Technology
HFS2N60U SEMIHOW-HFS2N60U Datasheet
307Kb / 8P
   Superior Avalanche Rugged Technology
HFS5N65U SEMIHOW-HFS5N65U Datasheet
320Kb / 8P
   Superior Avalanche Rugged Technology
HFS8N65U SEMIHOW-HFS8N65U Datasheet
312Kb / 8P
   Superior Avalanche Rugged Technology
HFS8N70U SEMIHOW-HFS8N70U Datasheet
313Kb / 8P
   Superior Avalanche Rugged Technology
HFS10N60U SEMIHOW-HFS10N60U Datasheet
306Kb / 7P
   Superior Avalanche Rugged Technology
HFD8N70U SEMIHOW-HFD8N70U Datasheet
264Kb / 8P
   Superior Avalanche Rugged Technology
HFN6N70U SEMIHOW-HFN6N70U Datasheet
256Kb / 7P
   Superior Avalanche Rugged Technology
HFP2N60U SEMIHOW-HFP2N60U Datasheet
197Kb / 8P
   Superior Avalanche Rugged Technology
HFP5N50U SEMIHOW-HFP5N50U Datasheet
209Kb / 8P
   Superior Avalanche Rugged Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com