Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WFN1N60 Datasheet(PDF) 1 Page - Wisdom technologies Int`l

Part # WFN1N60
Description  600V N-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WISDOM [Wisdom technologies Int`l]
Direct Link  http://www.wisdom-technologies.com/index.aspx
Logo WISDOM - Wisdom technologies Int`l

WFN1N60 Datasheet(HTML) 1 Page - Wisdom technologies Int`l

  WFN1N60 Datasheet HTML 1Page - Wisdom technologies Int`l WFN1N60 Datasheet HTML 2Page - Wisdom technologies Int`l WFN1N60 Datasheet HTML 3Page - Wisdom technologies Int`l WFN1N60 Datasheet HTML 4Page - Wisdom technologies Int`l WFN1N60 Datasheet HTML 5Page - Wisdom technologies Int`l  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
HIGH VOLTAGE
N-Channel MOSFET 
 
 
   Rev.A0,August , 2010 | 
 
 
 
WFN1 N60
 
600V N-Channel MOSFET
Features
Low Intrinsic Capacitances 
Excellent Switching Characteristics 
  
G‐Gate,D‐Drain,S‐Sourse 
Extended Safe Operating Area 
Unrivalled Gate Charge :Qg= 10nC (Typ.)
BVDSS=600V,ID=1A
RDS(on) : 8 Ω (Max) @VG=10V
 
100% Avalanche Tested
Absolute Maximum Ratings Tc=25unless other wise noted
Symbol
Parameter
VDSS
Drain-Sourse Voltage
600
V
ID
Drain Current
-continuous (Tc=25℃)
1*
A
-continuous (Tc=100℃)
0.63*
A
VGS
Gate-Sourse Voltage
±
30
V
EAS
Single Plused Avanche Energy
(Note1)
25
mJ
IAR
Avalanche Current
(Note2)
1
A
PD
Power Dissipation (Tc=25℃)
23
W
TJ,TSTG
Operating and Storage Temperature Range
-55 ~ +150
TL
Maximum lead temperature for soldering
purpose,1/8” from case for 5 seconds
300
Thermal Characteristics 
Symbol
Parameter
Typ.
Max
Units
RθJC Thermal Resistance,Junction to Case --
/W
RθJA
Thermal Resistance,Junction to Ambient --
40
/W
* Drain current limited by maximum junction temperature.
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
S
D
G
TO-92
Units
www.wisdom-technologies.com
WFN1 N60


Similar Part No. - WFN1N60

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WFN1N60 WINSEMI-WFN1N60 Datasheet
408Kb / 7P
   Silicon N-Channel MOSFET
WFN1N60C WINSEMI-WFN1N60C Datasheet
423Kb / 7P
   Silicon N-Channel MOSFET
WFN1N60N WINSEMI-WFN1N60N Datasheet
677Kb / 7P
   Silicon N-Channel MOSFET
WFN1N60NC WINSEMI-WFN1N60NC Datasheet
678Kb / 7P
   Silicon N-Channel MOSFET
More results

Similar Description - WFN1N60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com