Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPG138 Datasheet(PDF) 1 Page - NEC

Part # UPG138
Description  L-BAND SPDT SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPG138 Datasheet(HTML) 1 Page - NEC

  UPG138 Datasheet HTML 1Page - NEC UPG138 Datasheet HTML 2Page - NEC UPG138 Datasheet HTML 3Page - NEC UPG138 Datasheet HTML 4Page - NEC UPG138 Datasheet HTML 5Page - NEC UPG138 Datasheet HTML 6Page - NEC UPG138 Datasheet HTML 7Page - NEC UPG138 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
GaAs INTEGRATED CIRCUIT
PPPPPG138GV
L-BAND SPDT SWITCH
1996
©
Document No. P13058EJ2V0DS00 (2nd edition)
(Previous No. P11508EJ1V0DS00)
Date Published December 1997 N CP(K)
Printed in Japan
DATA SHEET
DESCRIPTION
The
PPG138GV is L-Band SPDT (Single Pole Double Throw) GaAs FET switch which was developed for digital
mobile communication system.
It housed in an very small 8-pin SSOP that is smaller than usual 8-pin SOP and easy to install and contributes to
miniaturizing the system.
FEATURES
• Maximum transmission power : +35 dBm min. (@ VCONT =
ð5 V/0 V:
PPG138GV)
+34 dBm typ. (@ VCONT =
ð3 V/0 V:
PPG138GV)
• Low insertion loss
: 0.55 dB typ. (@ 1 GHz)
0.65 dB typ. (@ 2 GHz)
APPLICATION
• Digital Cellular : GSM, PDC, PCN etc.
• PHS Base Station, PCS etc.
ORDERING INFORMATION
PART NUMBER
PACKAGE
PACKING FORM
PPG138GV-E1
8-pin plastic SSOP (175 mil)
Carrier tape width 12 mm Qty 2 kp/Reel.
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C)
PARAMETERS
SYMBOL
RATINGS
UNIT
Control Voltage 1, 2
VCONT1, 2
ð6.0 to +0.6
V
Input Power (VCONT =
ð5 V)
Pin
+36
dBm
Input Power (VCONT =
ð3 V)
Pin
+34
dBm
Total Power Dissipation
Ptot
0.7
W
Operating Temperature
Topt
ð50 to +80
°C
Storage Temperature
Tstg
ð65 to +150
°C


Similar Part No. - UPG138

ManufacturerPart #DatasheetDescription
logo
NEC
UPG138GV NEC-UPG138GV Datasheet
108Kb / 12P
   L-BAND SPDT SWITCH
UPG138GV NEC-UPG138GV Datasheet
52Kb / 8P
   L-BAND DPDT MMIC SWITCH
UPG138GV NEC-UPG138GV Datasheet
28Kb / 3P
   L-BAND SPDT GaAs MMIC SWITCH
logo
Renesas Technology Corp
UPG138GV RENESAS-UPG138GV Datasheet
201Kb / 10P
   GaAs INTEGRATED CIRCUIT
1996
logo
NEC
UPG138GV-E1 NEC-UPG138GV-E1 Datasheet
28Kb / 3P
   L-BAND SPDT GaAs MMIC SWITCH
More results

Similar Description - UPG138

ManufacturerPart #DatasheetDescription
logo
NEC
UPG155TB NEC-UPG155TB Datasheet
68Kb / 12P
   L-BAND SPDT SWITCH
UPG137GV NEC-UPG137GV Datasheet
108Kb / 12P
   L-BAND SPDT SWITCH
UPG152TA NEC-UPG152TA Datasheet
83Kb / 12P
   L-BAND SPDT SWITCH
UPG153TB NEC-UPG153TB Datasheet
56Kb / 8P
   L-BAND SPDT SWITCH
UPG133G NEC-UPG133G Datasheet
87Kb / 12P
   L-BAND SPDT SWITCH
UPG154TB NEC-UPG154TB Datasheet
94Kb / 16P
   L-BAND SPDT SWITCH
UPG2012TK NEC-UPG2012TK_1 Datasheet
109Kb / 9P
   L-BAND SPDT SWITCH
logo
California Eastern Labs
UPG2012TB CEL-UPG2012TB Datasheet
266Kb / 8P
   L-BAND SPDT SWITCH
logo
NEC
UPG132G NEC-UPG132G Datasheet
111Kb / 14P
   L-BAND SPDT SWITCH
UPG2012TB NEC-UPG2012TB_1 Datasheet
72Kb / 9P
   L-BAND SPDT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com