Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMPT6428 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPT6428
Description  SURFACE MOUNT NPN SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPT6428 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPT6428 Datasheet HTML 1Page - Central Semiconductor Corp CMPT6428 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMPT6428
CMPT6429
SURFACE MOUNT
NPN SILICON TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPT6428 and
CMPT6429 are NPN Silicon Transistors manufactured
by the epitaxial planar process, epoxy molded in
a surface mount package, designed for high gain
amplifier applications.
MARKING CODES: CMPT6428: C1K
CMPT6429: C1L
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
CMPT6428
CMPT6429
UNITS
Collector-Base Voltage
VCBO
60
55
V
Collector-Emitter Voltage
VCEO
50
45
V
Emitter-Base Voltage
VEBO
6.0
V
Continuous Collector Current
IC
200
mA
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
CMPT6428
CMPT6429
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
ICBO
VCB=30V
-
10
-
10
nA
ICEO
VCE=30V
-
100
-
100
nA
IEBO
VBE=5.0V
-
10
-
10
nA
BVCBO
IC=100µA
60
-
55
-
V
BVCEO
IC=1.0mA
50
-
45
-
V
VCE(SAT)
IC=10mA, IB=0.5mA
-
0.20
-
0.20
V
VCE(SAT)
IC=100mA, IB=5.0mA
-
0.60
-
0.60
V
VBE(ON)
VCE=5.0V, IC=1.0mA
0.56
0.66
0.56
0.66
V
hFE
VCE=5.0V, IC=10µA
250
-
500
-
hFE
VCE=5.0V, IC=100µA
250
650
500
1250
hFE
VCE=5.0V, IC=1.0mA
250
-
500
-
hFE
VCE=5.0V, IC=10mA
250
-
500
-
fT
VCE=5.0V, IC=1.0mA, f=100MHz
100
700
100
700
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
-
3.0
-
3.0
pF
Cib
VBE=0.5V, IC=0, f=1.0MHz
-
8.0
-
8.0
pF
SOT-23 CASE
R5 (1-February 2010)
www.centra lsemi.com


Similar Part No. - CMPT6428

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPT6428 CENTRAL-CMPT6428 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CMPT6428 CENTRAL-CMPT6428 Datasheet
328Kb / 2P
   NPN - Low Noise Amplifier Transistor Chip
CMPT6428 CENTRAL-CMPT6428_10 Datasheet
328Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
More results

Similar Description - CMPT6428

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CXT2222A CENTRAL-CXT2222A Datasheet
103Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CXT491E CENTRAL-CXT491E Datasheet
73Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
BC846 CENTRAL-BC846 Datasheet
345Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
BC846W CENTRAL-BC846W Datasheet
422Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
BCW31 CENTRAL-BCW31 Datasheet
328Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CTLT8099-M322S_1210 CENTRAL-CTLT8099-M322S_1210 Datasheet
505Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
BCW65 CENTRAL-BCW65_15 Datasheet
328Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CMPT5551 CENTRAL-CMPT5551_15 Datasheet
328Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CMUT2222A CENTRAL-CMUT2222A_15 Datasheet
349Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A_10 Datasheet
534Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CZT3019 CENTRAL-CZT3019_10 Datasheet
535Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com