Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMLT3946EG Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMLT3946EG
Description  SURFACE MOUNT SILICON COMPLEMENTARY TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLT3946EG Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMLT3946EG Datasheet HTML 1Page - Central Semiconductor Corp CMLT3946EG Datasheet HTML 2Page - Central Semiconductor Corp CMLT3946EG Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CMLT3904E CMLT3904EG* NPN
CMLT3906E CMLT3906EG* PNP
CMLT3946E CMLT3946EG* NPN/PNP
ENHANCED SPECIFICATION
SURFACE MOUNT SILICON
COMPLEMENTARY TRANSISTORS
DESCRIPTION:
These CENTRAL SEMICONDUCTOR devices
are combinations of dual, enhanced specification
transistors in a space saving SOT-563 package,
designed for small signal general purpose amplifier
and switching applications.
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
40
V
Emitter-Base Voltage
VEBO
6.0
V
Continuous Collector Current
IC
200
mA
Power Dissipation (Note 1)
PD
350
mW
Power Dissipation (Note 2)
PD
300
mW
Power Dissipation (Note 3)
PD
150
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
NPN
PNP
SYMBOL
TEST CONDITIONS
MIN
TYP
TYP
MAX
UNITS
ICEV
VCE=30V, VEB=3.0V
-
-
-
50
nA
BVCBO
IC=10μA
60
115
90
-
V
BVCEO
IC=1.0mA
40
60
55
-
V
BVEBO
IE=10μA
6.0
7.5
7.9
-
V
VCE(SAT)
IC=10mA, IB=1.0mA
-
0.057
0.050
0.100
V
VCE(SAT)
IC=50mA, IB=5.0mA
-
0.100
0.100
0.200
V
VBE(SAT)
IC=10mA, IB=1.0mA
0.65
0.75
0.75
0.85
V
VBE(SAT)
IC=50mA, IB=5.0mA
-
0.85
0.85
0.95
V
hFE
VCE=1.0V, IC=0.1mA
90
240
130
-
hFE
VCE=1.0V, IC=1.0mA
100
235
150
-
hFE
VCE=1.0V, IC=10mA
100
215
150
300
hFE
VCE=1.0V, IC=50mA
70
110
120
-
hFE
VCE=1.0V, IC=100mA
30
50
55
-
* Device is Halogen Free by design
MARKING CODES: CMLT3904E:
L04
CMLT3906E:
L06
CMLT3946E:
L46
CMLT3904EG*:
C4G
CMLT3906EG*:
C6G
CMLT3946EG*:
46G
ENHANCED SPECIFICATIONS:
♦ BVCBO from 40V MIN to 60V MIN (PNP)
♦ BVEBO from 5.0V MIN to 6.0V MIN (PNP)
♦ hFE from 60 MIN to 70 MIN (NPN/PNP)
♦ VCE(SAT) from 0.3V MAX to 0.2V MAX (NPN)
from 0.4V MAX to 0.2V MAX (PNP)
Notes:
(1) Ceramic or aluminum core PC Board with copper mounting pad area of 4.0mm2
(2) FR-4 Epoxy PC Board with copper mounting pad area of 4.0mm2
(3) FR-4 Epoxy PC Board with copper mounting pad area of 1.4mm2
Enhanced Specification
SOT-563 CASE
R6 (29-June 2015)
www.centr a lsemi.com


Similar Part No. - CMLT3946EG

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLT3946EG CENTRAL-CMLT3946EG Datasheet
523Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
More results

Similar Description - CMLT3946EG

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPTA06 CENTRAL-CMPTA06 Datasheet
121Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CTLT3410-M621 CENTRAL-CTLT3410-M621_15 Datasheet
659Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CZT3904 CENTRAL-CZT3904_15 Datasheet
535Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CXT3904 CENTRAL-CXT3904_10 Datasheet
292Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CMPT3904 CENTRAL-CMPT3904_10 Datasheet
332Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CMPT4401 CENTRAL-CMPT4401_10 Datasheet
329Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CMPT3904E CENTRAL-CMPT3904E_15 Datasheet
336Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CMPT5087E CENTRAL-CMPT5087E_15 Datasheet
335Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CXT3410 CENTRAL-CXT3410_15 Datasheet
292Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CMPT8099 CENTRAL-CMPT8099 Datasheet
328Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CMST3904 CENTRAL-CMST3904_10 Datasheet
408Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com