Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM-160 Datasheet(PDF) 2 Page - Tyco Electronics

Part # AM-160
Description  Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM-160 Datasheet(HTML) 2 Page - Tyco Electronics

  AM-160 Datasheet HTML 1Page - Tyco Electronics AM-160 Datasheet HTML 2Page - Tyco Electronics AM-160 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
AM-160
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V3.00
2
S-Parameter Data
S11
S21
S12
S22
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.14
126.3
28.21
-5.6
0.01
-18.0
0.07
-73.4
150
0.12
56.7
28.30
-53.5
0.01
-68.5
0.08
-144.7
350
0.18
-96.1
25.42
172.0
0.01
149.5
0.14
34.6
600
0.32
19.1
25.58
0.7
0.02
-14.6
0.24
143.7
Frequency (MHz)
200
0.08
-15.5
27.45
-93.3
0.01
-108.2
0.09
150.5
250
0.17
-67.8
26.79
-126.3
0.01
-143.8
0.10
101.3
300
0.18
-87.7
25.37
-155.5
0.01
-178.1
0.12
64.4
400
0.23
-115.4
24.92
141.7
0.02
120.6
0.11
4.7
500
0.27
175.5
25.67
78.7
0.02
59.1
0.10
-101.1
Pin Configuration
Pin No.
Function
Pin No.
Function
1
RF OUT
6
RF IN
2
GND
7
GND
3
GND
8
GND
4
GND
9
GND
5
VDC
10
VDC


Similar Part No. - AM-160

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AM-160 MA-COM-AM-160 Datasheet
67Kb / 3P
   Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
AM-160 MA-COM-AM-160 Datasheet
67Kb / 3P
   Low Noise Amplifier
logo
Tyco Electronics
AM-160PIN MACOM-AM-160PIN Datasheet
214Kb / 3P
   Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
logo
M/A-COM Technology Solu...
AM-160PIN MA-COM-AM-160PIN Datasheet
67Kb / 3P
   Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
logo
Tyco Electronics
AM-160 MACOM-AM-160_1 Datasheet
214Kb / 3P
   Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
More results

Similar Description - AM-160

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-160 MACOM-AM-160_1 Datasheet
214Kb / 3P
   Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
logo
M/A-COM Technology Solu...
AM-160 MA-COM-AM-160 Datasheet
67Kb / 3P
   Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
AM-160 MA-COM-AM-160_15 Datasheet
455Kb / 4P
   Low Noise Amplifier, 28 dB Gain
AMS-162 MA-COM-AMS-162_15 Datasheet
624Kb / 4P
   Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
AM-162 MA-COM-AM-162 Datasheet
95Kb / 3P
   Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
logo
Tyco Electronics
AM-162 MACOM-AM-162 Datasheet
292Kb / 3P
   Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
AMC-AMS-162 MACOM-AMC-AMS-162 Datasheet
239Kb / 3P
   Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
logo
M/A-COM Technology Solu...
AM-191 MA-COM-AM-191 Datasheet
68Kb / 3P
   Low Noise Amplifier 100 - 600 MHz
logo
Tyco Electronics
AM-191 MACOM-AM-191 Datasheet
214Kb / 3P
   Low Noise Amplifier, 100 - 600 MHz
logo
M/A-COM Technology Solu...
AM-153 MA-COM-AM-153 Datasheet
64Kb / 2P
   Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com