Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WSH136 Datasheet(PDF) 4 Page - Winson Semiconductor Corp.

Part # WSH136
Description  Linear Hall Effect Sensor IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSON [Winson Semiconductor Corp.]
Direct Link  http://www.winson.com.tw
Logo WINSON - Winson Semiconductor Corp.

WSH136 Datasheet(HTML) 4 Page - Winson Semiconductor Corp.

  WSH136_15 Datasheet HTML 1Page - Winson Semiconductor Corp. WSH136_15 Datasheet HTML 2Page - Winson Semiconductor Corp. WSH136_15 Datasheet HTML 3Page - Winson Semiconductor Corp. WSH136_15 Datasheet HTML 4Page - Winson Semiconductor Corp. WSH136_15 Datasheet HTML 5Page - Winson Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
WSH136
Winson reserves the right to make changes to improve reliability or manufacturability.
©Winson, 2015/5/7
Electrical Characteristic Diagram:
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
110
120
130
ratio 0.823
0.881
0.925
0.962
0.983
0.995
1.000
1.000
0.989
0.976
0.959
0.933
0.906
0.882
0.849
0.810
0.772
0.737
0.000
0.200
0.400
0.600
0.800
1.000
1.200
˚C
WSH136 Sensitivity standardizationof 30℃ VS. Temperature
y = 0.0028x + 2.485
R² = 0.9997
0.000
1.000
2.000
3.000
4.000
5.000
6.000
-1200 -1000
-800
-600
-400
-200
0
200
400
600
800
1000
1200
V
G
WSH136 Vout vs. Magnetic Field with Vdd 5V
N
S
y = 0.0024x + 1.7022
R² = 0.9985
0.000
0.500
1.000
1.500
2.000
2.500
3.000
3.500
-1000
-800
-600
-400
-200
0
200
400
600
800
1000
1200
V
G
WSH136 Vout vs. Magnetic Field with Vdd 3.3V
N
S


Similar Part No. - WSH136_15

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WSH136 WINSON-WSH136_17 Datasheet
284Kb / 5P
   Linear Hall Effect Sensor IC
More results

Similar Description - WSH136_15

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WSH138 WINSON-WSH138 Datasheet
256Kb / 5P
   Linear Hall Effect Sensor IC
logo
Micronas
HAL411 MICRONAS-HAL411 Datasheet
1Mb / 18P
   Linear Hall-Effect Sensor IC
logo
DIWELL Electronics Co.,...
WSH136 DIWELL-WSH136 Datasheet
432Kb / 5P
   Linear Hall Effect Sensor IC
2017/12/22
logo
Winson Semiconductor Co...
WSH137 WINSON-WSH137 Datasheet
293Kb / 5P
   Linear Hall Effect Sensor IC
WSH135 WINSON-WSH135_17 Datasheet
236Kb / 4P
   Linear Hall Effect Sensor IC
logo
List of Unclassifed Man...
WSH201 ETC2-WSH201 Datasheet
88Kb / 3P
   Linear Hall Effect Sensor IC
logo
Winson Semiconductor Co...
WSH201 WINSON-WSH201 Datasheet
119Kb / 3P
   Linear Hall Effect Sensor IC
logo
DIWELL Electronics Co.,...
WSH137 DIWELL-WSH137 Datasheet
450Kb / 5P
   Linear Hall Effect Sensor IC
2017/12/22
WSH138 DIWELL-WSH138 Datasheet
482Kb / 5P
   Linear Hall Effect Sensor IC
2017/12/22
WSH202 DIWELL-WSH202 Datasheet
487Kb / 5P
   Linear Hall Effect Sensor IC
2017/12/22
WSH203 DIWELL-WSH203 Datasheet
518Kb / 5P
   Linear Hall Effect Sensor IC
2017/12/22
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com