Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WSH130 Datasheet(PDF) 1 Page - Winson Semiconductor Corp.

Part # WSH130
Description  Hall Effect Switch IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSON [Winson Semiconductor Corp.]
Direct Link  http://www.winson.com.tw
Logo WINSON - Winson Semiconductor Corp.

WSH130 Datasheet(HTML) 1 Page - Winson Semiconductor Corp.

  WSH130 Datasheet HTML 1Page - Winson Semiconductor Corp. WSH130 Datasheet HTML 2Page - Winson Semiconductor Corp. WSH130 Datasheet HTML 3Page - Winson Semiconductor Corp. WSH130 Datasheet HTML 4Page - Winson Semiconductor Corp. WSH130 Datasheet HTML 5Page - Winson Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
WSH130
Winson reserves the right to make changes to improve reliability or manufacturability.
©Winson, 2013/5/23
Hall Effect Switch IC
Features:
Operates from 2.4V to 26V supply voltage with reverse voltage protection
Operates with magnetic fields from DC to 15kHz
On-chip Hall Sensor
On-chip temperature compensation circuitry minimizes shifts in on and off points
and hysteresis over temperature and supply voltage
Ideal sensor for speed measurement, revolution counting, positioning, and DC
brushless motors
On(L) with magnetic South pole and Off (H) with North pole
Functional Description :
WSH130 is designed to integrate Hall sensor with output driver together on the same
chip, it is suitable for speed measurement, revolution counting, positioning, and DC
brushless motors. It includes a temperature compensated voltage regulator, a
differential amplifier, a Hysteresis controller and a open-collector output driver
capable of sinking up to 20mA current load. An on-chip protection resistor is
implemented to prevent reverse power fault.
The temperature-dependent bias increases the supply voltage of the hall plates and
adjusts the switching points to the decreasing induction of magnets at higher
temperatures. Subsequently, the output can keep switching on/off on more precise
switch point regardless to the ambient temperature. WSH130 are rated for operation
over temperature range from –40˚ C to 125 ˚C and voltage ranges from 2.4V to 26V.
Pin Descriptions:
Name
P/I/O
Pin#
Description
Vdd
P
1
Positive Power Supply
Gnd
O
2
Ground
Vout
O
3
Output Pin
Absolute Maximum Rating (at Ta=25˚ C)
Supply Voltage
Vcc --------------------------
26V
Output breakdown Voltage
Vout(breakdown) ----------------
30V


Similar Part No. - WSH130

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WSH130 WINSON-WSH130 Datasheet
141Kb / 5P
   Hall Effect Sensor IC
logo
DIWELL Electronics Co.,...
WSH130 DIWELL-WSH130 Datasheet
179Kb / 5P
   Hall Effect Switch IC
2017/4/7
logo
Winson Semiconductor Co...
WSH130-XPAN1 WINSON-WSH130-XPAN1 Datasheet
141Kb / 5P
   Hall Effect Sensor IC
WSH130-XPAN2 WINSON-WSH130-XPAN2 Datasheet
141Kb / 5P
   Hall Effect Sensor IC
WSH130-XPAN3 WINSON-WSH130-XPAN3 Datasheet
141Kb / 5P
   Hall Effect Sensor IC
More results

Similar Description - WSH130

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WSH181 WINSON-WSH181 Datasheet
106Kb / 5P
   Hall Effect Switch IC
WSH181 WINSON-WSH181_13 Datasheet
146Kb / 5P
   Hall Effect Switch IC
WSH130 WINSON-WSH130_17 Datasheet
185Kb / 5P
   Hall Effect Switch IC
logo
SeCoS Halbleitertechnol...
SH6853 SECOS-SH6853 Datasheet
470Kb / 4P
   Hall Effect Switch IC
logo
DIWELL Electronics Co.,...
WSH130 DIWELL-WSH130 Datasheet
179Kb / 5P
   Hall Effect Switch IC
2017/4/7
logo
Unisonic Technologies
UH8105 UTC-UH8105 Datasheet
124Kb / 5P
   Hall Effect Micro Switch IC
logo
Anpec Electronics Corop...
APX9132G ANPEC-APX9132G Datasheet
209Kb / 14P
   Hall Effect Micro Switch IC
logo
Winson Semiconductor Co...
WSH131 WINSON-WSH131 Datasheet
103Kb / 4P
   Omnipolar Hall Effect Switch IC
logo
Anpec Electronics Corop...
APX9131 ANPEC-APX9131_09 Datasheet
211Kb / 14P
   Hall Effect Micro Switch IC
APX9132A ANPEC-APX9132A Datasheet
208Kb / 14P
   Hall Effect Micro Switch IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com