Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3646 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3646
Description  40V, 1A Synchronous Step-Down Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3646 Datasheet(HTML) 2 Page - Linear Technology

  LTC3646_15 Datasheet HTML 1Page - Linear Technology LTC3646_15 Datasheet HTML 2Page - Linear Technology LTC3646_15 Datasheet HTML 3Page - Linear Technology LTC3646_15 Datasheet HTML 4Page - Linear Technology LTC3646_15 Datasheet HTML 5Page - Linear Technology LTC3646_15 Datasheet HTML 6Page - Linear Technology LTC3646_15 Datasheet HTML 7Page - Linear Technology LTC3646_15 Datasheet HTML 8Page - Linear Technology LTC3646_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC3646/LTC3646-1
2
36461fb
For more information www.linear.com/LTC3646
ABSOLUTE MAXIMUM RATINGS
PVIN, SVIN Supply Voltage........................ –0.3V to 45V
SW Voltage (DC)........................... –0.3V to PVIN + 0.3V
BOOST – SW Voltage................................... –0.3V to 6V
VON Voltage................................................ –0.3V to 33V
MODE/SYNC, RT, ITH,
VFB Voltage ................................–0.3V to INTVCC + 0.3V
INTVCC Voltage ............................................ –0.3V to 6V
(Notes 1, 7)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
SVIN
RUN
EXTVCC
INTVCC
BOOST
SW
PVIN
SGND
VFB
ITH
RT
VON
PGOOD
MODE/SYNC
TOP VIEW
15
PGND
DE PACKAGE
14-LEAD (4mm × 3mm) PLASTIC DFN
TJMAX = 150°C, θJA = 43°C/W
EXPOSED PAD (PIN 15) IS PGND, MUST BE SOLDERED TO PCB
1
2
3
4
5
6
7
8
SGND
VFB
ITH
RT
VON
PGOOD
MODE/SYNC
NC
16
15
14
13
12
11
10
9
SVIN
RUN
EXTVCC
INTVCC
BOOST
SW
PVIN
PVIN
TOP VIEW
17
PGND
MSE PACKAGE
16-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 38°C/W
EXPOSED PAD (PIN 17) IS PGND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3646EDE#PBF
LTC3646EDE#TRPBF
3646
14-Lead (4mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC3646IDE#PBF
LTC3646IDE#TRPBF
3646
14-Lead (4mm
× 3mm) Plastic DFN
–40°C to 125°C
LTC3646HDE#PBF
LTC3646HDE#TRPBF
3646
14-Lead (4mm
× 3mm) Plastic DFN
–40°C to 150°C
LTC3646EMSE#PBF
LTC3646EMSE#TRPBF
3646
16-Lead Plastic MSOP
–40°C to 85°C
LTC3646IMSE#PBF
LTC3646IMSE#TRPBF
3646
16-Lead Plastic MSOP
–40°C to 125°C
LTC3646HMSE#PBF
LTC3646HMSE#TRPBF
3646
16-Lead Plastic MSOP
–40°C to 150°C
LTC3646EDE-1#PBF
LTC3646EDE-1#TRPBF
36461
14-Lead (4mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC3646IDE-1#PBF
LTC3646IDE-1#TRPBF
36461
14-Lead (4mm
× 3mm) Plastic DFN
–40°C to 125°C
LTC3646HDE-1#PBF
LTC3646HDE-1#TRPBF
36461
14-Lead (4mm
× 3mm) Plastic DFN
–40°C to 150°C
LTC3646EMSE-1#PBF
LTC3646EMSE-1#TRPBF 36461
16-Lead Plastic MSOP
–40°C to 85°C
LTC3646IMSE-1#PBF
LTC3646IMSE-1#TRPBF
36461
16-Lead Plastic MSOP
–40°C to 125°C
LTC3646HMSE-1#PBF
LTC3646HMSE-1#TRPBF 36461
16-Lead Plastic MSOP
–40°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
EXTVCC Voltage ........................................... –0.3V to 6V
RUN Voltage............................................... –0.3V to 45V
PGOOD.......................................–0.3V to INTVCC + 0.3V
Operating Junction Temperature Range
(Notes 2, 7)............................................ –40°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec) MSE ..........300°C


Similar Part No. - LTC3646_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3646-1 LINER-LTC3646-1 Datasheet
240Kb / 16P
   17V, 1A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
LTC3646-1 LINER-LTC3646-1 Datasheet
407Kb / 28P
   40V, 1A Synchronous Step-Down Converter 1A Guaranteed Output Current
LTC3646-1 LINER-LTC3646-1_15 Datasheet
448Kb / 28P
   40V, 1A Synchronous Step-Down Converter
More results

Similar Description - LTC3646_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3646-1 LINER-LTC3646-1_15 Datasheet
448Kb / 28P
   40V, 1A Synchronous Step-Down Converter
LTC3646 LINER-LTC3646 Datasheet
586Kb / 28P
   40V, 1A Synchronous Step-Down Converter
36461fc
LTC3646-1 LINER-LTC3646-1 Datasheet
407Kb / 28P
   40V, 1A Synchronous Step-Down Converter 1A Guaranteed Output Current
logo
SHANGHAI BELLING CO., L...
BL9341 BELLING-BL9341 Datasheet
8Mb / 8P
   600mA, 40V Synchronous Step-Down Converter
logo
E-CMOS Corporation
EC5015A E-CMOS-EC5015A Datasheet
555Kb / 10P
   2A, 40V Synchronous Step-Down Converter
logo
Analog Microelectronics
AME5253 AME-AME5253 Datasheet
615Kb / 18P
   1A, 1.5MHz Synchronous Step-Down Converter
AME5253A AME-AME5253A Datasheet
615Kb / 18P
   1A, 1.5MHz Synchronous Step-Down Converter
AME5250A AME-AME5250A Datasheet
409Kb / 22P
   1A, 1.5MHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8057 RICHTEK-RT8057 Datasheet
224Kb / 11P
   2.25MHz 1A Synchronous Step-Down Converter
logo
Monolithic Power System...
EV2112DQ-00A MPS-EV2112DQ-00A Datasheet
162Kb / 4P
   1A, 1MHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com