Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3613 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3613
Description  24V, 15A Monolithic Step Down Regulator with Differential Output Sensing
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3613 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3613_15 Datasheet HTML 6Page - Linear Technology LTC3613_15 Datasheet HTML 7Page - Linear Technology LTC3613_15 Datasheet HTML 8Page - Linear Technology LTC3613_15 Datasheet HTML 9Page - Linear Technology LTC3613_15 Datasheet HTML 10Page - Linear Technology LTC3613_15 Datasheet HTML 11Page - Linear Technology LTC3613_15 Datasheet HTML 12Page - Linear Technology LTC3613_15 Datasheet HTML 13Page - Linear Technology LTC3613_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
LTC3613
10
3613fa
FUNCTIONAL DIAGRAM
ICMP
EA
(gm(EA) = 1.7mS)
0.645V
0.555V
0.6V
1μA
IREV
LOGIC
CONTROL
PLL
SYSTEM
ONE-SHOT
TIMER
CLOCK
DETECT
OSCILLATOR
LDO
OUT
EN
IN
SVIN
4.2V
TIME
ADJUST
STOP
START
1.2V
0.75V
+
+
+
DA
(A = 1)
RPGD
PGOOD
MODE/PLLIN
VRNG
ITH
VOSNS
VOSNS
+
TRACK/SS
SENSE
SENSE+
PGND
SW
EXTVCC
BO0ST
INPUT SUPPLY
DB
CB
MT
MB
L
COUT
RFB2
RFB1
RSENSE
PVIN
INTVCC
INTVCC
SGND
RITH
CITH1
INTVCC
R1
INTVCC
R2
3.65V
UVLO
4.6V
VOUT
RT
RT
RUN
1.3μA
CVCC
VIN
CIN
VOUT
CIN
CSS
3613 FD
+
UV
+
+
+
OV
+
TG DRV
BG DRV
CLOCK
OPERATION
Main Control Loop
The LTC3613 uses valley current mode control to regulate
the output voltage in a monolithic, all N-channel MOSFET
DC/DC step-down converter. Current control is achieved by
sensing the inductor current across SENSE+ and SENSE,
either by using an explicit resistor connected in series with
the inductor or by implicitly sensing the inductor’s resis-
tive (DCR) voltage drop through an RC filter connected
across the inductor.
In normal steady-state operation, the top MOSFET is turned
on for a fixed time interval proportional to the delay in the
one-shot timer. The PLL system adjusts the delay in the
one-shot timer until the top MOSFET turn-on is synchro-
nized either to the internal oscillator or the external clock
input if provided. As the top MOSFET turns off, the bottom
MOSFET turns on with a small time delay (dead time) to
avoid shoot-through current. The next switching cycle is
initiated when the current comparator, ICMP, senses that
inductor current has reached the valley threshold point
(Refer to Functional Diagram)


Similar Part No. - LTC3613_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3613EWKH LINER-LTC3613EWKH Datasheet
189Kb / 6P
   Fast, High Efficiency Step-Down Regulator
More results

Similar Description - LTC3613_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3613 LINER-LTC3613 Datasheet
453Kb / 36P
   24V, 15A Monolithic Step Down Regulator
LTC3833 LINER-LTC3833_15 Datasheet
523Kb / 36P
   Fast Accurate Step-Down DC/DC Controller with Differential Output Sensing
logo
Maxim Integrated Produc...
MAX15035 MAXIM-MAX15035 Datasheet
575Kb / 27P
   15A Step-Down Regulator with Internal Switches
Rev 2; 10/08
MAX15035 MAXIM-MAX15035_V01 Datasheet
1Mb / 28P
   15A Step-Down Regulator with Internal Switches
2018
logo
Linear Technology
LTC3838 LINER-LTC3838_15 Datasheet
726Kb / 54P
   Dual, Fast, Accurate Step- Down DC/DC Controller with Differential Output Sensing
LTC3838-1 LINER-LTC3838-1_15 Datasheet
5Mb / 52P
   Dual, Fast, Accurate Step-Down DC/DC Controller with Dual Differential Output Sensing
LTC3838-1 LINER-LTC3838-1 Datasheet
5Mb / 52P
   Dual, Fast, Accurate Step-Down DC/DC Controller with Dual Differential Output Sensing
logo
Exar Corporation
XR76115 EXAR-XR76115 Datasheet
2Mb / 16P
   15A Synchronous Step Down COT Regulator
logo
Linear Technology
LT3507 LINER-LT3507 Datasheet
341Kb / 28P
   Triple Monolithic Step-Down Regulator with LDO
LTC3839 LINER-LTC3839_15 Datasheet
701Kb / 50P
   Fast, Accurate, 2-Phase, Single-Output Step-Down DC/DC Controller with Differential Output Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com