Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3557 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3557
Description  USB Power Manager with Li-Ion Charger and Three Step-Down Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3557 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3557_15 Datasheet HTML 5Page - Linear Technology LTC3557_15 Datasheet HTML 6Page - Linear Technology LTC3557_15 Datasheet HTML 7Page - Linear Technology LTC3557_15 Datasheet HTML 8Page - Linear Technology LTC3557_15 Datasheet HTML 9Page - Linear Technology LTC3557_15 Datasheet HTML 10Page - Linear Technology LTC3557_15 Datasheet HTML 11Page - Linear Technology LTC3557_15 Datasheet HTML 12Page - Linear Technology LTC3557_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LTC3557/LTC3557-1
9
35571fc
PIN FUNCTIONS
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C unless otherwise specified
400mA Step-Down Switching
Regulator Feedback Voltage
vs Output Current
Step-Down Switching Regulator
Start-Up Waveform
ILIM0, ILIM1 (Pins 1, 2): Input Current Control Pins. ILIM0
and ILIM1 control the input current limit. See Table 1. Both
pins are pulled low by a weak current sink.
WALL (Pin 3): Wall Adapter Present Input. Pulling this pin
above 4.3V will disconnect the power path from VBUS to
VOUT. The ACPR pin will also be pulled low to indicate that a
wall adapter has been detected.
LDO3V3 (Pin 4): Always On 3.3V LDO Output. The
LDO3V3 pin provides a regulated, always-on 3.3V supply
voltage. This pin gets its power from VOUT. It may be used
for light loads such as a real-time clock or housekeeping
microprocessor. A 1μF capacitor is required from LDO3V3
to ground if it will be called upon to deliver current. If
the LDO3V3 output is not used it should be disabled by
connecting it to VOUT.
SW1 (Pin 5): Power Transmission (Switch) Pin for
Step-Down Switching Regulator 1.
VIN1 (Pin 6): Power Input for Step-Down Switching
Regulator 1. This pin will generally be connected to VOUT.
FB1 (Pin 7): Feedback Input for Step-Down Switching
Regulator 1. This pin servos to a fixed voltage of 0.8V when
the control loop is complete.
MODE (Pin 8): Low Power Mode Enable. When this pin is
pulled high, the three step-down switching regulators are
set to low power Burst Mode operation.
EN1 (Pin 9): Logic Input Enables Step-Down Switching
Regulator 1.
EN2 (Pin 10): Logic Input Enables Step-Down Switching
Regulator 2.
EN3 (Pin 11): Logic Input Enables Step-Down Switching
Regulator 3.
FB3 (Pin 12): Feedback Input for Step-Down Switching
Regulator 3. This pin servos to a fixed voltage of 0.8V when
the control loop is complete.
FB2 (Pin 13): Feedback Input for Step-Down Switching
Regulator 2. This pin servos to a fixed voltage of 0.8V when
the control loop is complete.
RST2(Pin14):Thisisanopen-drainoutputwhichindicates
that step-down switching regulator 2 has settled to its final
value. It can be used as a power on reset for the primary
microprocessor or to enable the other buck regulators for
supply sequencing.
SW2 (Pin 15): Power Transmission (Switch) Pin for
Step-Down Switching Regulator 2.
600mA Step-Down Switching
Regulator Feedback Voltage
vs Output Current
OUTPUT CURRENT (mA)
0.78
0.84
0.85
0.77
0.76
0.83
0.80
0.82
0.81
0.79
0.1
10
100
1000
35571 G22
0.75
1
3.8V
5V
Burst Mode
OPERATION
PULSE SKIP
OUTPUT CURRENT (mA)
0.78
0.84
0.85
0.77
0.76
0.83
0.80
0.82
0.81
0.79
0.1
10
100
1000
35571 G23
0.75
1
3.8V
5V
Burst Mode
OPERATION
PULSE SKIP
VOUT2
50mV/DIV(AC)
VOUT1
1V/DIV
IL1
200mA/DIV
0V
EN1
0mA
35571 G24
100μs/DIV
VOUT2 = 1.2V
IOUT2 = 50mA
MODE = 1
ROUT1 = 8Ω


Similar Part No. - LTC3557_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3557-1 LINER-LTC3557-1_15 Datasheet
323Kb / 28P
   USB Power Manager with Li-Ion Charger and Three Step-Down Regulators
More results

Similar Description - LTC3557_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3557-1 LINER-LTC3557-1_15 Datasheet
323Kb / 28P
   USB Power Manager with Li-Ion Charger and Three Step-Down Regulators
LTC3557 LINER-LTC3557 Datasheet
312Kb / 28P
   USB Power Manager with Li-Ion Charger and Three Step-Down Regulators
LTC3554-1 LINER-LTC3554-1_15 Datasheet
525Kb / 36P
   Micropower USB Power Manager with Li-Ion Charger and Two Step-Down Regulators
LTC3554 LINER-LTC3554_15 Datasheet
525Kb / 36P
   Micropower USB Power Manager with Li-Ion Charger and Two Step-Down Regulators
LTC3554-2 LINER-LTC3554-2_15 Datasheet
525Kb / 36P
   Micropower USB Power Manager with Li-Ion Charger and Two Step-Down Regulators
LTC3554-3 LINER-LTC3554-3_15 Datasheet
525Kb / 36P
   Micropower USB Power Manager with Li-Ion Charger and Two Step-Down Regulators
LTC3554 LINER-LTC3554 Datasheet
435Kb / 36P
   Micropower USB Power Manager with Li-Ion Charger and Two Step-Down Regulators
LTC4067 LINER-LTC4067_15 Datasheet
233Kb / 20P
   USB Power Manager with OVP and Li-Ion/Polymer Charger
LTC4067 LINER-LTC4067 Datasheet
216Kb / 20P
   USB Power Manager with OVP and Li-Ion/Polymer Charger
LTC4085EDE LINER-LTC4085EDE Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com