Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3546 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3546
Description  Dual Synchronous, 3A/1A or 2A/2A Configurable Step-Down DC/DC Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3546 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3546_15 Datasheet HTML 5Page - Linear Technology LTC3546_15 Datasheet HTML 6Page - Linear Technology LTC3546_15 Datasheet HTML 7Page - Linear Technology LTC3546_15 Datasheet HTML 8Page - Linear Technology LTC3546_15 Datasheet HTML 9Page - Linear Technology LTC3546_15 Datasheet HTML 10Page - Linear Technology LTC3546_15 Datasheet HTML 11Page - Linear Technology LTC3546_15 Datasheet HTML 12Page - Linear Technology LTC3546_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
LTC3546
9
3546fc
For more information www.linear.com/3546
pin FuncTions
BMC2 (Pin 1/Pin 4): Burst Mode Clamp for Channel 2.
Connecting this pin to an external voltage between 0V and
0.6V sets the Burst Mode clamp level. If this pin is pulled
to VCCA, an internal Burst Mode clamp level is used. This
pin should be tied to GND when Burst Mode operation is
not selected.
TRACK/SS2 (Pin 2/Pin 5): Tracking input for Channel 2
outputoroptionalexternalsoft-startinput.VOUT2willtrack
an external voltage at this pin. Leaving this pin floating
allows VOUT2 to start-up using the internal soft-start. An
external soft-start can be programmed by connecting a
capacitor between this pin and ground. External soft-start
ramp time must be greater than the internal soft-start time
of 1.2ms. Refer to the Applications Information section
for more details.
VFB2 (Pin 3/Pin 6): Feedback voltage from external resis-
tive divider from the Channel 2 regulator output. Nominal
voltage for this pin is 0.6V.
ITH2(Pin4/Pin7):ErrorAmplifierCompensationforChan-
nel 2 Regulator. Peak current increases with an increase
in the voltage on this pin. Nominal voltage range for this
pin is 0V to 1.5V.
VCCD (Pin 5/Pin 8): Supply Pin for Internal Digital Cir-
cuitry.
RUN2 (Pin 6/Pin 9): Low Level Logic Input. Enable for
Channel 2. When pulled high, regulator is running. When
at 0V, regulator is off. When both RUN1 and RUN2 are at
0V the part is in shutdown.
VIN2 (Pin 7/Pin 10): Supply pin for 2A P-channel switch
which connects from VIN2 to SW2A/B.
VIN1 (Pin 8/Pin 11): Supply pin for 1A P-channel switch
which connects from VIN1 to SW1.
VIN1D(Pin9/Pin12):Supplypinfor1AdependentP-chan-
nel switch which connects from VIN1D to SW1D.
SW2A (Pin 10/Pin 13): Half of the switch node connec-
tion to the inductor for Channel 2. SW2A and SW2B must
be externally tied together. This pin swings from VIN2 to
PGND2.
SW2B (Pin 11/Pin 14): Half of the switch node connec-
tion to the inductor for Channel 2 SW2A and SW2B must
be externally tied together. This pin swings from VIN2 to
PGND2.
SW1D (Pin 12/Pin 15): The Dependent Switch Node
Connection. The pin is externally connected to SW1 for
a 2A/2A regulator or to SW2A/B for a 3A/1A regulator.
Internal circuitry detects which pin SW1D is externally
connected to, SW1 or SW2A/B. This pin swings from
VIN1D to PGND1D. SW1D switching will be controlled
by the output switch to which it is connected, i.e., SW1
or SW2A/SW2B. The dependant 1A power stage can be
disabled by floating the SW1D pin. The SW1D pin must
never be connected to VIN or GND. When disabled, SW1D
is pulled high internally.
SW1 (Pin 13/Pin 16): The switch node connection to the
Inductor for the Channel 1 regulator. This pin swings from
VIN1 to PGND1.
PGND1D (Pin 14/Pin 17): Ground for SW1D Switching
N-Channel Driver.
PGND1 (Pin 15/Pin 18): Ground for SW1 Switching N-
Channel Driver.
PGND2 (Pin 16/Pin 19): Ground for SW2A and SW2B
Switching N-Channel Driver.
RUN1 (Pin 17/Pin 20): Low Level Logic Input. Enable for
Channel 1. When pulled high, regulator is running. When
at 0V, regulator is off. When both RUN1 and RUN2 are at
0V the part is in shutdown.
PHASE (Pin 18/Pin 21): Low Level Logic Input. Selects
Channel 2 regulator switching phase with respect to
Channel 1 regulator switching. When pulled high, the
SW1 regulator and the SW2A/B regulator are in phase.
When PHASE is at 0V the SW1 regulator and the SW2A/B
regulator are switching 180° out-of-phase.
ITH1 (Pin 19/Pin 22): Error Amplifier Compensation for
Channel 1. Peak current increases with an increase in the
voltage on this pin. Nominal voltage range for this pin is
0V to 1.5V.
(UFD/FE)


Similar Part No. - LTC3546_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3546EFEPBF LINER-LTC3546EFEPBF Datasheet
361Kb / 28P
   Dual Synchronous, 3A/1A or 2A/2A Confi gurable Step-Down DC/DC Regulator
LTC3546EFETRPBF LINER-LTC3546EFETRPBF Datasheet
361Kb / 28P
   Dual Synchronous, 3A/1A or 2A/2A Confi gurable Step-Down DC/DC Regulator
LTC3546EUFDPBF LINER-LTC3546EUFDPBF Datasheet
361Kb / 28P
   Dual Synchronous, 3A/1A or 2A/2A Confi gurable Step-Down DC/DC Regulator
LTC3546EUFDTRPBF LINER-LTC3546EUFDTRPBF Datasheet
361Kb / 28P
   Dual Synchronous, 3A/1A or 2A/2A Confi gurable Step-Down DC/DC Regulator
LTC3546IFEPBF LINER-LTC3546IFEPBF Datasheet
361Kb / 28P
   Dual Synchronous, 3A/1A or 2A/2A Confi gurable Step-Down DC/DC Regulator
More results

Similar Description - LTC3546_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3546 LINER-LTC3546 Datasheet
361Kb / 28P
   Dual Synchronous, 3A/1A or 2A/2A Confi gurable Step-Down DC/DC Regulator
logo
Global Mixed-mode Techn...
G5796 GMT-G5796 Datasheet
88Kb / 1P
   500kHz 2A/3A Synchronous Step-down DC/DC
G5798 GMT-G5798 Datasheet
76Kb / 1P
   500kHz 2A/3A Synchronous Step-down DC/DC
logo
Fairchild Semiconductor
FAN8303 FAIRCHILD-FAN8303 Datasheet
636Kb / 12P
   2A 23V Non-Synchronous Step-Down DC/DC Regulator
FAN8301 FAIRCHILD-FAN8301 Datasheet
618Kb / 12P
   2A, 16V, Non-Synchronous, Step-Down, DC/DC Regulator
logo
Torex Semiconductor
XC9243B08CDR-G TOREX-XC9243B08CDR-G Datasheet
862Kb / 29P
   2A Synchronous Step-Down DC/DC Converters
logo
ELM Electronics
ELM605DA ELM-ELM605DA Datasheet
827Kb / 13P
   2A synchronous step-down DC/DC converter
logo
Torex Semiconductor
XD9242 TOREX-XD9242 Datasheet
2Mb / 30P
   2A Synchronous Step-Down DC/DC Converters
logo
Maxim Integrated Produc...
MAX15021ATI MAXIM-MAX15021ATI Datasheet
338Kb / 24P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator
Rev 1; 8/12
logo
Global Mixed-mode Techn...
G5654 GMT-G5654 Datasheet
81Kb / 1P
   2A Step-down DC/DC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com