Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2945 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2945
Description  Wide Range I2C Power Monitor
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2945 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2945_15 Datasheet HTML 5Page - Linear Technology LTC2945_15 Datasheet HTML 6Page - Linear Technology LTC2945_15 Datasheet HTML 7Page - Linear Technology LTC2945_15 Datasheet HTML 8Page - Linear Technology LTC2945_15 Datasheet HTML 9Page - Linear Technology LTC2945_15 Datasheet HTML 10Page - Linear Technology LTC2945_15 Datasheet HTML 11Page - Linear Technology LTC2945_15 Datasheet HTML 12Page - Linear Technology LTC2945_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
LTC2945
9
2945fa
For more information www.linear.com/LTC2945
block DiagraM
2945 BD
VDD
SENSE+
20X
5.7V
735k
15k
6.3V
GND
INTVCC
SENSE
ADIN
ADR1
ADR0
ALERT
MUX
12-BIT ADC
DECODER
VREF= 2.048V
SDAO/SDAO
SDAI
SCL
I C
2
12
735k
15k
(LTC2945 / LTC2945-1)
6.4V
6.4V
LOGIC
REGISTERS
VSTBY
VSTBY
GEN
VSTBY


Similar Part No. - LTC2945_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2945 LINER-LTC2945 Datasheet
1Mb / 32P
   Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
More results

Similar Description - LTC2945_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2946 LINER-LTC2946_15 Datasheet
467Kb / 42P
   Wide Range I2C Power, Charge and Energy Monitor
LTC2992 LINER-LTC2992 Datasheet
522Kb / 46P
   Dual Wide Range Power Monitor
LTC2945 LINER-LTC2945 Datasheet
1Mb / 32P
   Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
LTC2946 LINER-LTC2946 Datasheet
2Mb / 20P
   Wide Range I2C Power, Charge and Energy Meter
logo
Zetex Semiconductors
ZXCT1050 ZETEX-ZXCT1050 Datasheet
590Kb / 10P
   Precision wide input range current monitor
logo
Diodes Incorporated
ZXCT1050 DIODES-ZXCT1050 Datasheet
604Kb / 10P
   Precision wide input range current monitor
logo
Zetex Semiconductors
ZXCT1051 ZETEX-ZXCT1051 Datasheet
129Kb / 8P
   Precision wide input range current monitor
ZXCT1051_0611 ZETEX-ZXCT1051_0611 Datasheet
667Kb / 10P
   Precision wide input range current monitor
logo
Diodes Incorporated
ZXCT1051 DIODES-ZXCT1051 Datasheet
679Kb / 10P
   Precision wide input range current monitor
logo
Texas Instruments
INA226-Q1 TI1-INA226-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   I2C Compatible Current/Power Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com