Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2449 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2449
Description  24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2449 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2449_15 Datasheet HTML 3Page - Linear Technology LTC2449_15 Datasheet HTML 4Page - Linear Technology LTC2449_15 Datasheet HTML 5Page - Linear Technology LTC2449_15 Datasheet HTML 6Page - Linear Technology LTC2449_15 Datasheet HTML 7Page - Linear Technology LTC2449_15 Datasheet HTML 8Page - Linear Technology LTC2449_15 Datasheet HTML 9Page - Linear Technology LTC2449_15 Datasheet HTML 10Page - Linear Technology LTC2449_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTC2444/LTC2445/
LTC2448/LTC2449
7
2444589fb
TEST CIRCUITS
FU CTIO AL BLOCK DIAGRA
Figure 1. Functional Block Diagram
1.69k
SDO
2440 TA03
Hi-Z TO VOH
VOL TO VOH
VOH TO Hi-Z
CLOAD = 20pF
1.69k
SDO
2440 TA04
Hi-Z TO VOL
VOH TO VOL
VOL TO Hi-Z
CLOAD = 20pF
VCC
APPLICATIO S I FOR ATIO
CONVERTER OPERATION
Converter Operation Cycle
The LTC2444/LTC2445/LTC2448/LTC2449 are multi-
channel, high speed, delta-sigma analog-to-digital con-
verters with an easy to use 3- or 4-wire serial interface (see
Figure 1). Their operation is made up of three states. The
converter operating cycle begins with the conversion,
followed by the low power sleep state and ends with the
data output/input (see Figure 2). The 4-wire interface
consists of serial data input (SDI), serial data output
(SDO), serial clock (SCK) and chip select (CS). The inter-
face, timing, operation cycle and data out format is com-
patible with Linear’s entire family of
∆Σconverters.
Figure 2. LTC2444/LTC2445/LTC2448/LTC2449
State Transition Diagram
AUTOCALIBRATION
AND CONTROL
DIFFERENTIAL
3RD ORDER
∆Σ MODULATOR
DECIMATING FIR
ADDRESS
INTERNAL
OSCILLATOR
SERIAL
INTERFACE
GND
VCC
CH0
CH1
CH15
COM
IN+
IN
MUX
SDO
SCK
REF+
REF
CS
SDI
FO
(INT/EXT)
2444 F01
+
CONVERT
SLEEP
CHANNEL SELECT
SPEED SELECT
DATA OUTPUT
POWER UP
IN+=CH0, IN=CH1
OSR=256,1X MODE
2444 F02
CS = LOW
AND
SCK


Similar Part No. - LTC2449_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2449C LINER-LTC2449C Datasheet
261Kb / 28P
   24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
LTC2449CUHF LINER-LTC2449CUHF Datasheet
261Kb / 28P
   24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
LTC2449I LINER-LTC2449I Datasheet
261Kb / 28P
   24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
LTC2449IUHF LINER-LTC2449IUHF Datasheet
261Kb / 28P
   24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
More results

Similar Description - LTC2449_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2444 LINER-LTC2444 Datasheet
261Kb / 28P
   24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
LTC2448 LINER-LTC2448_15 Datasheet
307Kb / 28P
   24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
LTC2445 LINER-LTC2445_15 Datasheet
307Kb / 28P
   24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
LTC2444 LINER-LTC2444_15 Datasheet
307Kb / 28P
   24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
LTC2440 LINER-LTC2440_15 Datasheet
367Kb / 28P
   24-Bit High Speed Differential ADC with Selectable Speed/Resolution
LTC2447 LINER-LTC2447_15 Datasheet
317Kb / 28P
   24-Bit High Speed 8-Channel ADCs with Selectable Multiple Reference Inputs
LTC2446 LINER-LTC2446_15 Datasheet
317Kb / 28P
   24-Bit High Speed 8-Channel ADCs with Selectable Multiple Reference Inputs
LTC2446 LINER-LTC2446 Datasheet
311Kb / 28P
   24-Bit High Speed 8-Channel ?誇 ADCs with Selectable Multiple Reference Inputs
LTC2440 LINER-LTC2440 Datasheet
301Kb / 28P
   24-Bit High Speed Differential delta-sigma ADC with Selectable Speed/Resolution
logo
Analog Devices
AD7824 AD-AD7824 Datasheet
270Kb / 16P
   LC2MOS High Speed 4- & 8-Channel 8-Bit ADCs
REV. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com