Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN3730UFB4-7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN3730UFB4-7
Description  30V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3730UFB4-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN3730UFB4-7 Datasheet HTML 1Page - Diodes Incorporated DMN3730UFB4-7 Datasheet HTML 2Page - Diodes Incorporated DMN3730UFB4-7 Datasheet HTML 3Page - Diodes Incorporated DMN3730UFB4-7 Datasheet HTML 4Page - Diodes Incorporated DMN3730UFB4-7 Datasheet HTML 5Page - Diodes Incorporated DMN3730UFB4-7 Datasheet HTML 6Page - Diodes Incorporated DMN3730UFB4-7 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DMN3730UFB4
Document number: DS35017 Rev. 8 - 2
4 of 7
www.diodes.com
May 2015
© Diodes Incorporated
DMN3730UFB4
A Product Line of
Diodes Incorporated
0
0.4
0.8
1.2
1.6
2
Fig. 3 Typical On-Resistance
vs. Drain Current and Gate Voltage
I , DRAIN-SOURCE CURRENT (A)
D
0
0.2
0.4
0.6
0.8
V
= 4.5V
GS
V
= 2.5V
GS
V
= 1.8V
GS
0
0.25
0.5
0.75
1
1.25
1.5
I , DRAIN CURRENT (A)
D
Fig. 4 Typical On-Resistance
vs. Drain Current and Temperature
0
0.2
0.4
0.6
0.8
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= 4.5V
GS
Fig. 5 On-Resistance Variation with Temperature
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
A
0.6
0.8
1.0
1.2
1.4
1.6
V
= 4.5V
I = 1.0A
GS
D
V
= 2.5V
I = 500mA
GS
D
Fig. 6 On-Resistance Variation with Temperature
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
A
0
0.2
0.4
0.6
0.8
V
= 4.5V
I = 1.0A
GS
D
V
= 2.5V
I = 500mA
GS
D
0
0.2
0.4
0.6
0.8
1
1.2
Fig. 8 Diode Forward Voltage vs. Current
V
, SOURCE-DRAIN VOLTAGE (V)
SD
0
0.4
0.8
1.2
1.6
2.0
T = 25°C
A
Fig. 7 Gate Threshold Variation vs. Ambient Temperature
-50
-25
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
A
0
0.2
0.4
0.6
0.8
1.0
1.2
I = 250µA
D
I = 1mA
D


Similar Part No. - DMN3730UFB4-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN3730UFB4-7 DIODES-DMN3730UFB4-7 Datasheet
144Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
DS35017 Rev. 3 - 2
DMN3730UFB4-7B DIODES-DMN3730UFB4-7B Datasheet
144Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
DS35017 Rev. 3 - 2
More results

Similar Description - DMN3730UFB4-7

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A14F ZETEX-ZXMN3A14F Datasheet
209Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
WILLAS ELECTRONIC CORP
SE4812LT1 WILLAS-SE4812LT1 Datasheet
428Kb / 4P
   30V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
ZXM64N03X DIODES-ZXM64N03X Datasheet
337Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LN2306LT1G LRC-LN2306LT1G_15 Datasheet
825Kb / 4P
   30V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG6402LVT DIODES-DMG6402LVT_15 Datasheet
220Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTNK8S3 CYSTEKEC-MTNK8S3 Datasheet
488Kb / 9P
   30V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJS50N03 PANJIT-PJS50N03 Datasheet
227Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K01N3 CYSTEKEC-MTN3K01N3 Datasheet
319Kb / 8P
   30V N-CHANNEL Enhancement Mode MOSFET
logo
Pan Jit International I...
PJ4812 PANJIT-PJ4812_09 Datasheet
379Kb / 5P
   30V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com