Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN3042L-13 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN3042L-13
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3042L-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN3042L-13 Datasheet HTML 1Page - Diodes Incorporated DMN3042L-13 Datasheet HTML 2Page - Diodes Incorporated DMN3042L-13 Datasheet HTML 3Page - Diodes Incorporated DMN3042L-13 Datasheet HTML 4Page - Diodes Incorporated DMN3042L-13 Datasheet HTML 5Page - Diodes Incorporated DMN3042L-13 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DMN3042L
Document number: DS37539 Rev. 2- 2
3 of 6
www.diodes.com
January 2015
© Diodes Incorporated
DMN3042L
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 1 Typical Output Characteristics
V
= 2.0V
GS
0
5
10
15
20
25
30
0
1
2
3
4
5
V
= 2.5V
GS
V
= 1.5V
GS
V
= 3.0V
GS
V
= 4.0V
GS
V
= 4.5V
GS
V
= 10.0V
GS
V
, GATE-SOURCE VOLTAGE (V)
GS
Figure 2 Typical Transfer Characteristics
0
2
4
6
8
10
12
14
16
18
20
0
0.5
1
1.5
2
2.5
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= 5.0V
DS
I , DRAIN-SOURCE CURRENT (A)
D
Figure 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
0.018
0.02
0.022
0.024
0.026
0.028
0
5
10
15
20
25
30
V
= 4.5V
GS
V
= 10V
GS
V
, GATE-SOURCE VOLTAGE (V)
GS
Figure 4 Typical Transfer Characteristic
0
0.04
0.08
0.12
0.16
0.2
0
2
4
6
8
10
12
I = 5.8A
D
I
= 5.0A
D
I , DRAIN CURRENT (A)
D
Figure 5 Typical On-Resistance vs.
Drain Current and Temperature
0.01
0.015
0.02
0.025
0.03
0.035
0.04
0
2
4
6
8
10
12
14
16
18
20
V
= 10V
GS
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A
T , JUNCTION TEMPERATURE ( C)
J
°
Figure 6 On-Resistance Variation with Temperature
0.6
0.8
1
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100
125
150
V
= 2.5V
GS
I = 4.0A
D
V
= 10V
GS
I = 5.8A
D
V
= 4.5V
GS
I
= 5.0A
D


Similar Part No. - DMN3042L-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN3042L-13 DIODES-DMN3042L-13 Datasheet
332Kb / 6P
   Low On-Resistance
More results

Similar Description - DMN3042L-13

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com