Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN3030LFG-13 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN3030LFG-13
Description  N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3030LFG-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN3030LFG-13 Datasheet HTML 1Page - Diodes Incorporated DMN3030LFG-13 Datasheet HTML 2Page - Diodes Incorporated DMN3030LFG-13 Datasheet HTML 3Page - Diodes Incorporated DMN3030LFG-13 Datasheet HTML 4Page - Diodes Incorporated DMN3030LFG-13 Datasheet HTML 5Page - Diodes Incorporated DMN3030LFG-13 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DMN3030LFG
Document number: DS35499 Rev. 5 - 2
3 of 6
www.diodes.com
March 2013
© Diodes Incorporated
POWERDI is a registered trademark of Diodes Incorporated.
DMN3030LFG
0
0.5
1.0
1.5
2.0
V , DRAIN-SOURCE VOLTAGE (V)
Fig.1 Typical Output Characteristic
DS
0
5
10
15
20
25
30
0
5
10
15
20
25
30
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5 4.0
V , GATE-SOURCE VOLTAGE (V)
GS
Fig. 2 Typical Transfer Characteristics
V
= 5.0V
DS
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A
0
0.004
0.008
0.012
0.016
0.020
0
5
10
15
20
25
30
I , DRAIN-SOURCE CURRENT (A)
D
Fig. 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
V
= 4.5V
GS
V
= 10V
GS
0
0.005
0.010
0.015
0.020
0.025
0.030
0.035
0.040
0
5
10
15
20
25
30
I , DRAIN CURRENT (A)
D
Fig. 4 Typical On-Resistance vs.
Drain Current and Temperature
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= 4.5V
GS
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
Fig. 5 On-Resistance Variation with Temperature
J
0.6
0.8
1.0
1.2
1.4
1.6
V
= 4.5V
I= 5A
GS
D
V=
V
I= 10A
GS
D
10
0
0.005
0.010
0.015
0.020
0.025
0.030
0.035
0.040
-50 -25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
Fig. 6 On-Resistance Variation with Temperature
J
V
= 4.5V
I= 5A
GS
D
V=
V
I= 10A
GS
D
10


Similar Part No. - DMN3030LFG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN3030LFG-13 DIODES-DMN3030LFG-13 Datasheet
272Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
More results

Similar Description - DMN3030LFG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN3029LFG DIODES-DMN3029LFG_15 Datasheet
201Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN10H170SFG DIODES-DMN10H170SFG_15 Datasheet
301Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMG7410SFG DIODES-DMG7410SFG_15 Datasheet
204Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMG7430LFG DIODES-DMG7430LFG_15 Datasheet
223Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN3024SFG-7 DIODES-DMN3024SFG-7 Datasheet
163Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN3008SFG DIODES-DMN3008SFG_15 Datasheet
249Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMS3014SFG DIODES-DMS3014SFG_15 Datasheet
171Kb / 8P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMT6016LPS DIODES-DMT6016LPS_15 Datasheet
645Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN10H120SFG DIODES-DMN10H120SFG_15 Datasheet
247Kb / 6P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN4008LFG DIODES-DMN4008LFG_15 Datasheet
341Kb / 6P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com