Part Name
         Description
UPG152TA

 L-BAND SPDT SWITCH ( 12 Page)


NEC
100% 
Zoom Out Zoom In
 
 2 page
background image
2
PPPPPG152TA
PIN CONNECTION DIAGRAM
PIN No.
CONNECTION
PIN No.
CONNECTION
1OUT14
VCONT 2
2GND
5
IN
3OUT26
VCONT 1
RECOMMENDED OPERATING CONDITIONS (TA = 25 °C)
PARAMETERS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Control Voltage (OFF)
VCONT
+2.7
+3.0
+5.3
V
Control Voltage (ON)
VCONT
ð0.2
0
+0.2
V
Input Power (VCONT = 3 V/0 V)
Pin
+27
+29
dBm
ELECTRICAL CHARACTERISTICS (Unless otherwise specified, TA = 25 °C, VCONT1 = 3 V,
VCONT2 = 0 V or VCONT1 = 0 V, VCONT2 = 3 V, Off chip DC blocking capacitors value; 51 pF)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Insertion Loss
LINS
f = 100 M to 2 GHz
0.6
1.0
dB
f = 2.5 GHz
0.8
Note 1
Isolation
ISL
f = 100 M to 2 GHz
20
22
dB
f = 2.5 GHz
20
Note 1
Input Return Loss
RIin
f = 100 M to 2 GHz
11
dB
Output Return Loss
RIout
f = 100 M to 2 GHz
11
dB
Input Power at 1 dB
Compression Point
Note 2
Pin(1 dB)
f = 1 GHz to 2 GHz
27
30
dBm
Switching Speed
tsw
30
ns
Control Current
ICONT
VCONT = 3 V/0 V RF None
5
PA
Notes 1 Characteristic for reference at 2.0 to 2.5 GHz
2 Pin(1 dB) is measured the input power level when the insertion loss increase more 1 dB than that of
linear range. All other characteristics are measured in linear range.
3 When the
PPG152TA is used it is necessary to use DC blocking capacitors for No.1 (OUT1), No.3
(OUT2) and No.5 (IN). The value of DC blocking capacitors should be chosen to accommodate the
frequency of operation, band width, switching speed and the condition with actual board of your system.
The range of recommended DC blocking capacitor value is less than 100 pF.
4 The distance between IC’s GND pin and ground pattern of substrate should be as shorter as possible to
avoid parasitic parameters.
3
2
1
4
5
6
(Top View)
4
5
6
3
2
1
(Bottom View)



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
UPG132GL-BAND SPDT SWITCH 1 2 3 4 5 MoreNEC
UPG133GL-BAND SPDT SWITCH 1 2 3 4 5 MoreNEC
UPG137GVL-BAND SPDT SWITCH 1 2 3 4 5 MoreNEC
UPG138GVL-BAND SPDT SWITCH 1 2 3 4 5 MoreNEC
UPG153TBL-BAND SPDT SWITCH 1 2 3 4 5 MoreNEC
UPG154TBL-BAND SPDT SWITCH 1 2 3 4 5 MoreNEC
UPG155TBL-BAND SPDT SWITCH 1 2 3 4 5 MoreNEC
UPG2012TBNECs 1/4W SINGLE CONTROL L-BAND SPDT SWITCH 1 2 3 4 5 MoreNEC
UPG2027TQNECs L-BAND 4W HIGH POWER SPDT SWITCH IC 1 2 3 4 5 MoreNEC

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl