Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTZJ56D Datasheet(PDF) 2 Page - Leshan Radio Company

Part # MTZJ56D
Description  MTZJ SERIES ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MTZJ56D Datasheet(HTML) 2 Page - Leshan Radio Company

  MTZJ56D Datasheet HTML 1Page - Leshan Radio Company MTZJ56D Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
6B–2/2
18.02-18.96
20.15-21.20
22.05-23.18
24.26-25.52
26.99-28.39
29.68-31.22
32.14-33.79
34.68-36.47
20
22
24
27
30
33
36
39
39E
39F
39G
43
47
51
56
18.63-19.59
20.64-21.71
22.61-23.77
24.97-26.26
27.70-29.13
30.32-31.88
32.79-34.49
35.36-37.19
19.23-20.22
21.08-22.17
23.12-24.31
25.63-26.95
28.36-29.82
30.90-32.50
33.40-35.13
36.00-37.85
19.72-20.72
21.52-22.63
23.63-24.85
26.29-27.64
29.02-30.51
31.49-33.11
34.01-35.77
36.63-38.52
37.36-39.29
38.14-40.11
38.94-40.80
40.00-45.00
44.00-49.00
48.00-54.00
53.00-60.00
5
5
5
30
30
35
45
55
65
75
85
85
85
85
90
90
110
110
200
200
200
250
250
250
250
250
250
250
250
-
-
-
-
15
17
19
21
23
25
27
30
30
30
30
33
36
39
43
15
17
19
21
23
25
27
30
30
30
30
33
36
39
43
MTZJ
MTZJ SERIES ZENER DIODES
Part
No
Voltage
VZ(V)Zener Voltage
(Thin suffix)
Package Dimensions: DO-35
AB
C
D
MTZJ
Z Z
(
Ω )
Max
I Z
(mA)
Z ZK
I Z
(mA)
(
Ω )
Max
I R
VR
(V)
(
µA)
Max
I Z
(mA)
DO-35
(mm)
Φ 1.8 ± 0.2
29 ± 1
3.8 ± 0.2
29 ± 1
Φ 0.5 ± 0.1
5
5
5
0.2
0.2
0.2


Similar Part No. - MTZJ56D

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MTZJ56D WEITRON-MTZJ56D Datasheet
613Kb / 3P
   Axial Lead Zener Diodes
More results

Similar Description - MTZJ56D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Panasonic Semiconductor
DZ2W03900L PANASONIC-DZ2W03900L Datasheet
609Kb / 2P
   NEW Zener Diodes Series 1W/2W Zener Diodes Series
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Leshan Radio Company
1N992A LRC-1N992A Datasheet
33Kb / 1P
   1N9 SERIES ZENER DIODES
logo
RFE international
BZX55C2V0 RFE-BZX55C2V0 Datasheet
1Mb / 2P
   Zener Diodes BZX Series
06-06-2022
1N5913B RFE-1N5913B Datasheet
808Kb / 5P
   Zener Diodes 1N59 Series
AUG-04-2023
1N533B RFE-1N533B Datasheet
2Mb / 5P
   Zener Diodes 1N53 Series
06-06-2022
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com