Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PN2369A Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # PN2369A
Description  NPN SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

PN2369A Datasheet(HTML) 1 Page - Central Semiconductor Corp

  PN2369A Datasheet HTML 1Page - Central Semiconductor Corp PN2369A Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N5769
PN2369A
NPN SILICON TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N5769 and
PN2369A are epitaxial planar NPN Silicon Transistors
designed for ultra high speed saturated switching
applications.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
40
V
Collector-Emitter Voltage
VCES
40
V
Collector-Emitter Voltage
VCEO
15
V
Emitter-Base Voltage
VEBO
4.5
V
Continuous Collector Current
IC
200
mA
Peak Collector Current
ICM
500
mA
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=20V
400
nA
ICBO
VCB=20V, TA=125°C
30
µA
ICES
VCE=20V (2N5769)
400
nA
IEBO
VEB=4.5V (2N5769)
1.0
µA
BVCBO
IC=10µA
40
V
BVCES
IC=10µA
40
V
BVCEO
IC=10mA
15
V
BVEBO
IE=10µA
4.5
V
VCE(SAT)
IC=10mA, IB=1.0mA
200
mV
VCE(SAT)
IC=30mA, IB=3.0mA
250
mV
VCE(SAT)
IC=100mA, IB=10mA
500
mV
VBE(SAT)
IC=10mA, IB=1.0mA
700
850
mV
VBE(SAT)
IC=30mA, IB=3.0mA
1.15
V
VBE(SAT)
IC=100mA, IB=10mA
1.6
V
hFE
VCE=0.35V, IC=10mA (2N5769)
40
120
hFE
VCE=1.0V, IC=10mA (PN2369A)
40
120
hFE
VCE=0.4V, IC=30mA
30
hFE
VCE=1.0V, IC=100mA
20
TO-92 CASE
R1 (10-March 2011)
www.centr a lsemi.com


Similar Part No. - PN2369A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN2369A PHILIPS-PN2369A Datasheet
45Kb / 8P
   NPN switching transistors
1999 Apr 14
logo
Fairchild Semiconductor
PN2369A FAIRCHILD-PN2369A Datasheet
198Kb / 6P
   NPN Switching Transistor
logo
Central Semiconductor C...
PN2369A CENTRAL-PN2369A Datasheet
20Kb / 1P
   Small Signal Transistors
logo
Fairchild Semiconductor
PN2369A FAIRCHILD-PN2369A Datasheet
520Kb / 14P
   NPN Switching Transistor
logo
Central Semiconductor C...
PN2369A CENTRAL-PN2369A Datasheet
321Kb / 2P
   NPN SILICON TRANSISTOR
More results

Similar Description - PN2369A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com