Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N4904 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 2N4904
Description  COMPLEMENTARY SILICON POWER TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N4904 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  2N4904_15 Datasheet HTML 1Page - Central Semiconductor Corp 2N4904_15 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N4904 2N4905 2N4906
PNP
2N4913 2N4914 2N4915
NPN
COMPLEMENTARY SILICON
POWER TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N4904, 2N4913
series types are complementary silicon power transistors,
manufactured by the epitaxial base process, designed
for general purpose amplifier and switching applications.
MARKING: FULL PART NUMBER
2N4904
2N4905
2N4906
MAXIMUM RATINGS: (TC=25°C)
SYMBOL
2N4913
2N4914
2N4915
UNITS
Collector-Base Voltage
VCBO
40
60
80
V
Collector-Emitter Voltage
VCEO
40
60
80
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
5.0
A
Continuous Base Current
IB
1.0
A
Power Dissipation
PD
87.5
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
Thermal Resistance
JC
2.0
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
PNP
NPN
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
ICBO
VCB=Rated VCBO
-
0.1
-
1.0
mA
ICEO
VCE=Rated VCEO
-
1.0
-
1.0
mA
ICEV
VCE=Rated VCEO, VBE=1.5V
-
0.1
-
1.0
mA
ICEV
VCE=Rated VCEO, VBE=1.5V, TC=150°C
-
2.0
-
2.0
mA
IEBO
VEB=5.0V
-
1.0
-
1.0
mA
BVCEO
IC=200mA (2N4904, 2N4913)
40
-
40
-
V
BVCEO
IC=200mA (2N4905, 2N4914)
60
-
60
-
V
BVCEO
IC=200mA (2N4906, 2N4915)
80
-
80
-
V
VCE(SAT)
IC=2.5A, IB=250mA
-
1.0
-
1.0
V
VCE(SAT)
IC=5.0A, IB=1.0A
-
1.5
-
1.5
V
VBE(ON)
VCE=2.0V, IC=2.5A
-
1.4
-
1.4
V
hFE
VCE=2.0V, IC=2.5A
25
100
25
100
hFE
VCE=2.0V, IC=5.0A
7.0
-
7.0
-
hfe
VCE=10V, IC=500mA, f=1.0kHz
40
-
20
-
fT
VCE=10V, IC=1.0A, f=1.0MHz
4.0
-
4.0
-
MHz
TO-3 CASE
R1 (7-March 2013)
www.centr a lsemi.com


Similar Part No. - 2N4904_15

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N4904C NJSEMI-2N4904C Datasheet
139Kb / 1P
   NPN
More results

Similar Description - 2N4904_15

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
MJE172 STMICROELECTRONICS-MJE172_03 Datasheet
52Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H_06 Datasheet
68Kb / 5P
   Complementary Silicon Power Transistors
February, 2006 ??Rev. 9
logo
STMicroelectronics
TIP31A STMICROELECTRONICS-TIP31A Datasheet
64Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP33B ONSEMI-TIP33B Datasheet
102Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
MJE4343 ONSEMI-MJE4343 Datasheet
142Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1998
MJF15030 ONSEMI-MJF15030 Datasheet
246Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1995
logo
STMicroelectronics
BD235 STMICROELECTRONICS-BD235 Datasheet
75Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
BD241A STMICROELECTRONICS-BD241A Datasheet
66Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
June 1997
BD243B STMICROELECTRONICS-BD243B Datasheet
34Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
September 1999
logo
Motorola, Inc
TIP35A MOTOROLA-TIP35A Datasheet
157Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com