Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N3811A Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 2N3811A
Description  SILICON DUAL PNP TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N3811A Datasheet(HTML) 1 Page - Central Semiconductor Corp

  2N3811A Datasheet HTML 1Page - Central Semiconductor Corp 2N3811A Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N3811
2N3811A
SILICON
DUAL PNP TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N3811 and 2N3811A
are dual silicon PNP transistors manufactured by the
epitaxial planar process utilizing two individual chips
mounted in a hermetically sealed metal case designed
for differential amplifier applications.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
50
mA
Power Dissipation (One Die)
PD
500
mW
Power Dissipation (Both Dice)
PD
600
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
ELECTRICAL CHARACTERISTICS PER TRANSISTOR: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=50V
10
nA
IEBO
VEB=4.0V
20
nA
BVCBO
IC=10μA
60
V
BVCEO
IC=10mA
60
V
BVEBO
IE=10μA
5.0
V
VCE(SAT)
IC=100μA, IB=10μA
0.20
V
VCE(SAT)
IC=1.0mA, IB=100μA
0.25
V
VBE(SAT)
IC=100μA, IB=10μA
0.70
V
VBE(SAT)
IC=1.0mA, IB=100μA
0.80
V
VBE(ON)
VCE=5.0V, IC=100μA
0.70
V
hFE
VCE=5.0V, IC=1.0μA
75
hFE
VCE=5.0V, IC=10μA
225
hFE
VCE=5.0V, IC=100μA
300
900
hFE
VCE=5.0V, IC=500μA
300
900
hFE
VCE=5.0V, IC=1.0mA
300
900
hFE
VCE=5.0V, IC=10mA
250
fT
VCE=5.0V, IC=500μA, f=30MHz
30
MHz
fT
VCE=5.0V, IC=1.0mA, f=100MHz
100
500
MHz
Cob
VCB=5.0V, IE=0, f=100kHz
4.0
pF
Cib
VBE=0.5V, IC=0, f=100kHz
8.0
pF
hie
VCE=10V, IC=1.0mA, f=1.0kHz
10
40
Ω
hre
VCE=10V, IC=1.0mA, f=1.0kHz
25
x10-4
hfe
VCE=10V, IC=1.0mA, f=1.0kHz
300
900
hoe
VCE=10V, IC=1.0mA, f=1.0kHz
5.0
60
μS
NF
VCE=10V, IC=100μA, RG=3.0kΩ,
f=100Hz, BW=20Hz
4.0
dB
TO-78 CASE
R0 (31-January 2014)
www.centr a lsemi.com


Similar Part No. - 2N3811A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N3811A CENTRAL-2N3811A Datasheet
52Kb / 1P
   Dual Transistors
logo
List of Unclassifed Man...
2N3811A ETC1-2N3811A Datasheet
141Kb / 1P
   SILICON DUAL DIFFERNTIAL AMPLIFIER TRANSISTORS
More results

Similar Description - 2N3811A

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N3637DCSM SEME-LAB-2N3637DCSM Datasheet
41Kb / 2P
   DUAL PNP SILICON TRANSISTORS
logo
Central Semiconductor C...
2N3810 CENTRAL-2N3810_15 Datasheet
662Kb / 3P
   SILICON DUAL PNP TRANSISTORS
logo
TT Electronics.
2N3810DCSM TTELEC-2N3810DCSM Datasheet
635Kb / 4P
   SILICON DUAL MATCHED PNP TRANSISTORS
logo
Seme LAB
2N3810DCSM SEME-LAB-2N3810DCSM_09 Datasheet
635Kb / 4P
   SILICON DUAL MATCHED PNP TRANSISTORS
logo
Central Semiconductor C...
CMXT2907A CENTRAL-CMXT2907A_15 Datasheet
556Kb / 2P
   SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
CMXT3906 CENTRAL-CMXT3906_15 Datasheet
557Kb / 2P
   SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
CMLT2907A CENTRAL-CMLT2907A_10 Datasheet
581Kb / 2P
   SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
CMXT3906 CENTRAL-CMXT3906_10 Datasheet
557Kb / 2P
   SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
CMKT2907A CENTRAL-CMKT2907A_10 Datasheet
499Kb / 2P
   SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
CMXT2907A CENTRAL-CMXT2907A_10 Datasheet
556Kb / 2P
   SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com