Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PF2501 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # PF2501
Description  25A 1/2??PRESS-FIT DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

PF2501 Datasheet(HTML) 2 Page - Won-Top Electronics

  PF2501 Datasheet HTML 1Page - Won-Top Electronics PF2501 Datasheet HTML 2Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.wontop.com
© Won-Top Electronics Co., Ltd.
2
Revision: April, 2012
PF2500 – PF2506
WON-TOP ELECTRONICS
®
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
PF2500
DO-21 Press-Fit
120 Units/Box
PF2501
DO-21 Press-Fit
120 Units/Box
PF2502
DO-21 Press-Fit
120 Units/Box
PF2503
DO-21 Press-Fit
120 Units/Box
PF2504
DO-21 Press-Fit
120 Units/Box
PF2505
DO-21 Press-Fit
120 Units/Box
PF2506
DO-21 Press-Fit
120 Units/Box
1.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
2.
To order Lead Free version (with Lead Free finish), add “-LF” suffix to part
number above. For example, PF2500-LF.
WON-TOP ELECTRONICS and
are registered trademarks of Won-Top Electronics Co., Ltd (WTE). WTE has checked all information carefully and
believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the
purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein
without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road,
Chine Chen Dist., Kaohsiung 806, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - PF2501

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
PF2501 WTE-PF2501 Datasheet
23Kb / 2P
   25A 1/2 PRESS-FIT DIODE
PF2501 WTE-PF2501 Datasheet
30Kb / 2P
   25A 1/2" PRESS-FIT DIODE
More results

Similar Description - PF2501

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
PF2500 WTE-PF2500_06 Datasheet
30Kb / 2P
   25A 1/2" PRESS-FIT DIODE
PF2500 WTE-PF2500 Datasheet
23Kb / 2P
   25A 1/2 PRESS-FIT DIODE
PFW2500 WTE-PFW2500 Datasheet
26Kb / 2P
   25A 1/2 FLAG LEAD PRESS-FIT DIODE
PFS2500 WTE-PFS2500 Datasheet
32Kb / 2P
   25A 1/2 RUGGED LEAD PRESS-FIT DIODE
PFW2500 WTE-PFW2500_06 Datasheet
33Kb / 2P
   25A 1/2 WASHER LEAD PRESS-FIT DIODE
LD2500 WTE-LD2500_06 Datasheet
29Kb / 2P
   25A LUCAS TYPE PRESS-FIT DIODE
MD2500 WTE-MD2500 Datasheet
30Kb / 2P
   25A MOTOROLA TYPE PRESS-FIT DIODE
BD2500 WTE-BD2500_06 Datasheet
30Kb / 2P
   25A BOSCH TYPE PRESS-FIT DIODE
PF5000 WTE-PF5000 Datasheet
30Kb / 2P
   50A 1/2 PRESS-FIT DIODE
PF3500 WTE-PF3500 Datasheet
23Kb / 2P
   35A 1/2 PRESS-FIT DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com