Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MD3520 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # MD3520
Description  35A AVALANCHE MOTOROLA TYPE PRESS-FIT DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

MD3520 Datasheet(HTML) 1 Page - Won-Top Electronics

  MD3520_14 Datasheet HTML 1Page - Won-Top Electronics MD3520_14 Datasheet HTML 2Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Won-Top Electronics Co., Ltd.
www.wontop.com
Revision: April, 2012
1
Pb
Features
Diffused Junction
Low Leakage
Low Cost
Anode
+
High Surge Current Capability
Typical IR less than 200nA
C
Mechanical Data
D
E
Case: 13mm Motorola Type Press-Fit
Terminals: Contact Areas Readily Solderable
B
Polarity: Cathode to Case (Reverse Units Are
Available Upon Request and Are Designated
By A “R” Suffix, i.e. MD3520R or MD3524R)
A
Polarity: Red Color Equals Standard,
Black Color Equals Reverse Polarity
Mounting Position: Any
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 2
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
MD3520
MD3524
MD3536
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
16
20
32
V
Average Rectified Output Current
@TC = 150°C
IO
35
A
Breakdown Voltage Min.
@IR = 100mA
Breakdown Voltage Max.
@IR = 100mA
VBR
20
26
24
32
36
42
V
Non-Repetitive Peak Forward Surge Current
8.3ms Single Half Sine-Wave Superimposed on
Rated Load (JEDEC Method)
IFSM
400
A
Forward Voltage
@IF = 35A
VFM
1.0
V
Peak Reverse Current
At Rated DC Blocking Voltage
@TA = 25°C
IRM
200
nA
Typical Junction Capacitance (Note 1)
CJ
300
pF
Typical Thermal Resistance (Note 2)
RθJC
1.2
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +175
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance: Junction to case, single side cooled.
MD3520, MD3524, MD3536
35A AVALANCHE MOTOROLA TYPE PRESS-FIT DIODE
WON-TOP ELECTRONICS
®
13mm Motorola
Dim
Min
Max
A
12.80
13.20
B
7.70
8.10
C
1.25
1.31
D
25.00
E
11.10
11.50
All Dimensions in mm


Similar Part No. - MD3520_14

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
MD3520 WTE-MD3520 Datasheet
29Kb / 2P
   35A AVALANCHE MOTOROLA TYPE PRESS-FIT DIODE
More results

Similar Description - MD3520_14

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
MD3520 WTE-MD3520 Datasheet
29Kb / 2P
   35A AVALANCHE MOTOROLA TYPE PRESS-FIT DIODE
MD3500 WTE-MD3500_14 Datasheet
32Kb / 2P
   35A MOTOROLA TYPE PRESS-FIT DIODE
MD3500 WTE-MD3500 Datasheet
30Kb / 2P
   35A MOTOROLA TYPE PRESS-FIT DIODE
MD5020 WTE-MD5020_14 Datasheet
32Kb / 2P
   50A AVALANCHE MOTOROLA TYPE PRESS-FIT DIODE
MD35160 WTE-MD35160 Datasheet
31Kb / 2P
   35A HIGH VOLTAGE MOTOROLA TYPE PRESS-FIT DIODE
MD5020 WTE-MD5020 Datasheet
29Kb / 2P
   50A AVALANCHE MOTOROLA TYPE PRESS-FIT DIODE
BD3520 WTE-BD3520_14 Datasheet
32Kb / 2P
   35A AVALANCHE BOSCH TYPE PRESS-FIT DIODE
LD3520 WTE-LD3520 Datasheet
29Kb / 2P
   35A AVALANCHE LUCAS TYPE PRESS-FIT DIODE
LD3520 WTE-LD3520_14 Datasheet
31Kb / 2P
   35A AVALANCHE LUCAS TYPE PRESS-FIT DIODE
BD3520 WTE-BD3520 Datasheet
29Kb / 2P
   35A AVALANCHE BOSCH TYPE PRESS-FIT DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com