Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2207-14 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2207-14
Description  14-Bit, 105Msps/80Msps ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2207-14 Datasheet(HTML) 1 Page - Linear Technology

  LTC2207-14_15 Datasheet HTML 1Page - Linear Technology LTC2207-14_15 Datasheet HTML 2Page - Linear Technology LTC2207-14_15 Datasheet HTML 3Page - Linear Technology LTC2207-14_15 Datasheet HTML 4Page - Linear Technology LTC2207-14_15 Datasheet HTML 5Page - Linear Technology LTC2207-14_15 Datasheet HTML 6Page - Linear Technology LTC2207-14_15 Datasheet HTML 7Page - Linear Technology LTC2207-14_15 Datasheet HTML 8Page - Linear Technology LTC2207-14_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LTC2207-14/LTC2206-14
1
220714614fc
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
APPLICATIO S
FREQUENCY (MHz)
0
–70
–30
0
40
2207614 TA01b
–90
–110
–80
–50
–10
–20
–40
–60
–100
–120
10
20
30
50
14-Bit, 105Msps/80Msps
ADCs
The LTC®2207-14/LTC2206-14 are 105Msps/80Msps,
sampling 14-bit A/D converters designed for digitizing
high frequency, wide dynamic range signals up to input
frequencies of 700MHz. The input range of the ADC can
be optimized with the PGA front end.
The LTC2207-14/LTC2206-14 are perfect for demanding
communications applications, with AC performance that
includes 77.3dB SNR and 98dB spurious free dynamic
range (SFDR). Ultralow jitter of 80fsRMS allows under-
sampling of high input frequencies with excellent noise
performance. Maximum DC specs include ±1.5LSB INL,
±1LSB DNL (no missing codes) over temperature.
A separate output power supply allows the CMOS output
swing to range from 0.5V to 3.6V.
The ENC+ and ENCinputs may be driven differentially
or single-ended with a sine wave, PECL, LVDS, TTL or
CMOS inputs. An optional clock duty cycle stabilizer al-
lows high performance at full speed with a wide range of
clock duty cycles.
n Telecommunications
n Receivers
n Cellular Base Stations
n Spectrum Analysis
n Imaging Systems
n ATE
n Sample Rate: 105Msps/80Msps
n 77.3dBFS Noise Floor
n 98dB SFDR
n SFDR >82dB at 250MHz (1.5VP-P Input Range)
n PGA Front End (2.25VP-P or 1.5VP-P Input Range)
n 700MHz Full Power Bandwidth S/H
n Optional Internal Dither
n Optional Data Output Randomizer
n Single 3.3V Supply
n Power Dissipation: 947mW/762mW
n Optional Clock Duty Cycle Stabilizer
n Out-of-Range Indicator
n Pin-Compatible Family
105Msps: LTC2207 (16-Bit), LTC2207-14 (14-Bit)
80Msps: LTC2206 (16-Bit), LTC2206-14 (14-Bit)
65Msps: LTC2205 (16-Bit), LTC2205-14 (14-Bit)
40Msps: LTC2204 (16-Bit)
25Msps: LTC2203 (16-Bit) Single-Ended Clock
10Msps: LTC2202 (16-Bit) Single-Ended Clock
n 48-Pin 7mm
× 7mm QFN Package
+
S/H
AMP
CORRECTION
LOGIC AND
SHIFT REGISTER
OUTPUT
DRIVERS
14-BIT
PIPELINED
ADC CORE
INTERNAL ADC
REFERENCE
GENERATOR
1.25V
COMMON MODE
BIAS VOLTAGE
CLOCK/DUTY
CYCLE
CONTROL
D13
D0
ENC+
PGA
SHDN
DITH
MODE
OE
RAND
ENC
VCM
ANALOG
INPUT
2207614 TA01
0.5V TO 3.6V
3.3V
3.3V
SENSE
OGND
OVDD
2.2μF
0.1μF
0.1μF
0.1μF
0.1μF
VDD
GND
ADC CONTROL INPUTS
AIN+
AIN
OF
CLKOUT+
CLKOUT
LTC2207-14: 32K Point FFT,
fIN = 14.86MHz, –1dBFS,
PGA = 0, 105Msps
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.


Similar Part No. - LTC2207-14_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2207-14 LINER-LTC2207-14 Datasheet
1Mb / 32P
   14-Bit, 105Msps/80Msps ADCs
More results

Similar Description - LTC2207-14_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2206-14 LINER-LTC2206-14_15 Datasheet
1Mb / 32P
   14-Bit, 105Msps/80Msps ADCs
LTC2207-14 LINER-LTC2207-14 Datasheet
1Mb / 32P
   14-Bit, 105Msps/80Msps ADCs
LTC2223 LINER-LTC2223_15 Datasheet
929Kb / 28P
   12-Bit,105Msps/ 80Msps ADCs
LTC2222 LINER-LTC2222_15 Datasheet
929Kb / 28P
   12-Bit,105Msps/ 80Msps ADCs
LTC2232 LINER-LTC2232_15 Datasheet
849Kb / 28P
   10-Bit,105Msps/ 80Msps ADCs
LTC2233 LINER-LTC2233_15 Datasheet
849Kb / 28P
   10-Bit,105Msps/ 80Msps ADCs
LTC2206 LINER-LTC2206_15 Datasheet
1Mb / 32P
   16-Bit, 105Msps/80Msps ADCs
LTC2206 LINER-LTC2206 Datasheet
1Mb / 32P
   16-Bit, 105Msps/80Msps ADCs
LTC2232 LINER-LTC2232 Datasheet
844Kb / 28P
   10-Bit,105Msps/80Msps ADCs
LTC2222 LINER-LTC2222 Datasheet
832Kb / 28P
   12-Bit,105Msps/80Msps ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com