Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2206 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2206
Description  16-Bit, 105Msps/80Msps ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2206 Datasheet(HTML) 3 Page - Linear Technology

  LTC2206_15 Datasheet HTML 1Page - Linear Technology LTC2206_15 Datasheet HTML 2Page - Linear Technology LTC2206_15 Datasheet HTML 3Page - Linear Technology LTC2206_15 Datasheet HTML 4Page - Linear Technology LTC2206_15 Datasheet HTML 5Page - Linear Technology LTC2206_15 Datasheet HTML 6Page - Linear Technology LTC2206_15 Datasheet HTML 7Page - Linear Technology LTC2206_15 Datasheet HTML 8Page - Linear Technology LTC2206_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LTC2207/LTC2206
3
22076fc
The denotes the specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25°C. (Note 4)
ANALOG INPUT
The denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. AIN = –1dBFS. (Note 4)
SYMBOL PARAMETER
CONDITIONS
MIN
LTC2206
TYP
MAX
MIN
LTC2207
TYP
MAX
UNITS
SNR
Signal-to-Noise Ratio
5MHz Input (2.25V Range, PGA = 0)
5MHz Input (1.5V Range, PGA = 1)
77.9
75.5
77.9
75.5
dBFS
dBFS
15MHz Input (2.25V Range, PGA = 0),
15MHz Input (2.25V Range, PGA = 0)
15MHz Input (1.5V Range, PGA = 1)
76.5
76.2
77.8
77.5
75.4
76.5
76.2
77.8
77.5
75.4
dBFS
dBFS
dBFS
70MHz Input (2.25V Range, PGA = 0)
70MHz Input (1.5V Range, PGA = 1)
77.5
75.3
77.5
75.3
dBFS
dBFS
140MHz Input (2.25V Range, PGA = 0)
140MHz Input (1.5V Range, PGA = 1),
140MHz Input (1.5V Range, PGA = 1)
73.8
73.4
76.7
74.8
74.5
73.8
73.4
76.7
74.8
74.5
dBFS
dBFS
dBFS
170MHz Input (2.25V Range, PGA = 0)
170MHz Input (1.5V Range, PGA = 1)
76.2
75.4
76.2
75.4
dBFS
dBFS
SFDR
Spurious Free
Dynamic Range
2nd or 3rd
Harmonic
5MHz Input (2.25V Range, PGA = 0)
5MHz Input (1.5V Range, PGA = 1)
100
100
100
100
dBc
dBc
15MHz Input (2.25V Range, PGA = 0),
15MHz Input (2.25V Range, PGA = 0)
15MHz Input (1.5V Range, PGA = 1)
87
86
95
95
100
88
87
95
95
100
dBc
dBc
dBc
70MHz Input (2.25V Range, PGA = 0)
70MHz Input (1.5V Range, PGA = 1)
90
95
90
95
dBc
dBc
140MHz Input (2.25V Range, PGA = 0)
140MHz Input (1.5V Range, PGA = 1),
140MHz Input (1.5V Range, PGA = 1)
84
83
85
90
89
84
83
85
90
89
dBc
dBc
dBc
170MHz Input (2.25V Range, PGA = 0)
170MHz Input (1.5V Range, PGA = 1)
82
86
82
86
dBc
dBc
DYNAMIC ACCURACY
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Analog Input Range (AIN+ – AIN–)
3.135V ≤ VDD ≤ 3.465V
1.5 to 2.25
VP-P
VIN, CM
Analog Input Common Mode
Differential Input (Note 7)
1
1.25
1.5
V
IIN
Analog Input Leakage Current
0V ≤ AIN+, AIN– ≤ VDD (Note 10)
1μA
ISENSE
SENSE Input Leakage Current
0V ≤ SENSE ≤ VDD (Note 11)
–3
3
μA
IMODE
MODE Pin Pull-Down Current to GND
10
μA
CIN
Analog Input Capacitance
Sample Mode ENC+ < ENC
Hold Mode ENC+ > ENC
6.7
1.8
pF
pF
tAP
Sample-and-Hold
Acquisition Delay Time
1ns
tJITTER
Sample-and-Hold
Acquisition Delay Time Jitter
80
fsRMS
CMRR
Analog Input
Common Mode Rejection Ratio
1V < (AIN+ = AIN–) <1.5V
80
dB
BW-3dB
Full Power Bandwidth
RS ≤ 25Ω
700
MHz


Similar Part No. - LTC2206_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2206-14 LINER-LTC2206-14_15 Datasheet
1Mb / 32P
   14-Bit, 105Msps/80Msps ADCs
More results

Similar Description - LTC2206_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2206 LINER-LTC2206 Datasheet
1Mb / 32P
   16-Bit, 105Msps/80Msps ADCs
LTC2207 LINER-LTC2207_15 Datasheet
1Mb / 32P
   16-Bit, 105Msps/80Msps ADCs
LTC2223 LINER-LTC2223_15 Datasheet
929Kb / 28P
   12-Bit,105Msps/ 80Msps ADCs
LTC2222 LINER-LTC2222_15 Datasheet
929Kb / 28P
   12-Bit,105Msps/ 80Msps ADCs
LTC2232 LINER-LTC2232_15 Datasheet
849Kb / 28P
   10-Bit,105Msps/ 80Msps ADCs
LTC2206-14 LINER-LTC2206-14_15 Datasheet
1Mb / 32P
   14-Bit, 105Msps/80Msps ADCs
LTC2207-14 LINER-LTC2207-14_15 Datasheet
1Mb / 32P
   14-Bit, 105Msps/80Msps ADCs
LTC2233 LINER-LTC2233_15 Datasheet
849Kb / 28P
   10-Bit,105Msps/ 80Msps ADCs
LTC2207-14 LINER-LTC2207-14 Datasheet
1Mb / 32P
   14-Bit, 105Msps/80Msps ADCs
LTC2232 LINER-LTC2232 Datasheet
844Kb / 28P
   10-Bit,105Msps/80Msps ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com