Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2205-14 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2205-14
Description  14-Bit, 65Msps ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2205-14 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2205-14_15 Datasheet HTML 4Page - Linear Technology LTC2205-14_15 Datasheet HTML 5Page - Linear Technology LTC2205-14_15 Datasheet HTML 6Page - Linear Technology LTC2205-14_15 Datasheet HTML 7Page - Linear Technology LTC2205-14_15 Datasheet HTML 8Page - Linear Technology LTC2205-14_15 Datasheet HTML 9Page - Linear Technology LTC2205-14_15 Datasheet HTML 10Page - Linear Technology LTC2205-14_15 Datasheet HTML 11Page - Linear Technology LTC2205-14_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LTC2205-14
8
220514fb
LTC2205-14: 32K Point FFT,
–1dBFS, fIN = 15.1MHz,
PGA = 0, DITH = 0
LTC2205-14: 32K Point FFT,
–1dBFS, fIN = 15.1MHz,
PGA = 1, DITH = 0
LTC2205-14: 32K Point FFT,
–25dBFS, fIN = 15.1MHz,
PGA = 0, DITH = 0
LTC2205-14: 32K Point FFT,
–25dBFS, fIN = 15.1MHz,
PGA = 0, DITH = 1
LTC2205-14: 32K Point FFT,
–40dBFS, fIN = 15.1MHz,
PGA = 0, DITH = 0
LTC2205-14: 32K Point FFT,
–40dBFS, fIN = 15.1MHz,
PGA = 0, DITH = 1
LTC2205-14: 32K Point FFT,
–1dBFS, fIN = 70.1MHz,
PGA = 0, DITH = 0
LTC2205-14: 32K Point FFT,
–25dBFS, fIN = 70.1MHz,
PGA = 1, DITH = 0
LTC2205-14: 32K Point FFT,
–25dBFS, fIN = 70.1MHz,
PGA = 0, DITH = 1
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (MHz)
0
–80
–20
–10
0
10
20
25
220514 G10
–100
–110
–120
–40
–60
–90
–30
–130
–50
–70
515
30
FREQUENCY (MHz)
0
–80
–20
–10
0
10
20
25
220514 G11
–100
–110
–120
–40
–60
–90
–30
–130
–50
–70
515
30
FREQUENCY (MHz)
0
–80
–20
–10
0
10
20
25
220514 G12
–100
–110
–120
–40
–60
–90
–30
–130
–50
–70
515
30
FREQUENCY (MHz)
0
–80
–20
–10
0
10
20
25
220514 G13
–100
–110
–120
–40
–60
–90
–30
–130
–50
–70
515
30
FREQUENCY (MHz)
0
–80
–20
–10
0
10
20
25
220514 G14
–100
–110
–120
–40
–60
–90
–30
–130
–50
–70
515
30
FREQUENCY (MHz)
0
–80
–20
–10
0
10
20
25
220514 G15
–100
–110
–120
–40
–60
–90
–30
–130
–50
–70
515
30
FREQUENCY (MHz)
0
–80
–20
–10
0
10
20
25
220514 G16
–100
–110
–120
–40
–60
–90
–30
–130
–50
–70
515
30
FREQUENCY (MHz)
0
–80
–20
–10
0
10
20
25
220514 G17
–100
–110
–120
–40
–60
–90
–30
–130
–50
–70
515
30
FREQUENCY (MHz)
0
–80
–20
–10
0
10
20
25
220514 G19
–100
–110
–120
–40
–60
–90
–30
–130
–50
–70
515
30


Similar Part No. - LTC2205-14_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2205-14 LINER-LTC2205-14 Datasheet
1Mb / 28P
   14-Bit, 65Msps ADC
More results

Similar Description - LTC2205-14_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2205-14 LINER-LTC2205-14 Datasheet
1Mb / 28P
   14-Bit, 65Msps ADC
logo
Maxim Integrated Produc...
MAX12553 MAXIM-MAX12553 Datasheet
1Mb / 28P
   14-Bit, 65Msps, 3.3V ADC
Rev 0; 8/04
logo
Linear Technology
LTC1742 LINER-LTC1742 Datasheet
572Kb / 20P
   14-Bit, 65Msps Low Noise ADC
LTC1742 LINER-LTC1742_15 Datasheet
577Kb / 20P
   14-Bit, 65Msps Low Noise ADC
logo
Maxim Integrated Produc...
MAX12557 MAXIM-MAX12557 Datasheet
905Kb / 28P
   Dual, 65Msps, 14-Bit, IF/Baseband ADC
Rev 0; 2/05
MAX1207 MAXIM-MAX1207 Datasheet
892Kb / 29P
   65Msps, 12-Bit ADC
2004
MAX19505 MAXIM-MAX19505_V01 Datasheet
549Kb / 35P
   Dual-Channel, 8-Bit, 65Msps ADC
2010
MAX19505 MAXIM-MAX19505 Datasheet
454Kb / 34P
   Dual-Channel, 8-Bit, 65Msps ADC
Rev 0; 10/08
MAX19515 MAXIM-MAX19515 Datasheet
340Kb / 35P
   Dual-Channel, 10-Bit, 65Msps ADC
Rev 1; 10/08
MAX1211 MAXIM-MAX1211 Datasheet
534Kb / 30P
   65Msps, 12-Bit, IF Sampling ADC
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com