Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD3502 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # HD3502
Description  35A GLASS PASSIVATED HITACHI TYPE PRESS-FIT DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

HD3502 Datasheet(HTML) 2 Page - Won-Top Electronics

  HD3502 Datasheet HTML 1Page - Won-Top Electronics HD3502 Datasheet HTML 2Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.wontop.com
© Won-Top Electronics Co., Ltd.
2
Revision: April, 2012
HD3500 – HD3506
WON-TOP ELECTRONICS
®
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
HD3500
12mm Hitachi Press-Fit
500 Units/Box
HD3501
12mm Hitachi Press-Fit
500 Units/Box
HD3502
12mm Hitachi Press-Fit
500 Units/Box
HD3503
12mm Hitachi Press-Fit
500 Units/Box
HD3504
12mm Hitachi Press-Fit
500 Units/Box
HD3505
12mm Hitachi Press-Fit
500 Units/Box
HD3506
12mm Hitachi Press-Fit
500 Units/Box
1.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
2.
To order Lead Free version (with Lead Free finish), add “-LF” suffix to part
number above. For example, HD3500-LF.
WON-TOP ELECTRONICS and
are registered trademarks of Won-Top Electronics Co., Ltd (WTE). WTE has checked all information carefully and
believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the
purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein
without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road,
Chine Chen Dist., Kaohsiung 806, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - HD3502

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
HD350 EXTECH-HD350 Datasheet
282Kb / 1P
   Pitot Tube Anemometer Differential Manometer
HD350 EXTECH-HD350_15 Datasheet
282Kb / 1P
   Pitot Tube Anemometer Differential Manometer
More results

Similar Description - HD3502

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HD3520 WTE-HD3520 Datasheet
31Kb / 2P
   35A GLASS PASSIVATED AVALANCHE HITACHI TYPE PRESS-FIT DIODE
HD5000 WTE-HD5000 Datasheet
32Kb / 2P
   50A GLASS PASSIVATED HITACHI TYPE PRESS-FIT DIODE
HD2500 WTE-HD2500 Datasheet
32Kb / 2P
   25A GLASS PASSIVATED HITACHI TYPE PRESS-FIT DIODE
HD5020 WTE-HD5020 Datasheet
31Kb / 2P
   50A GLASS PASSIVATED AVALANCHE HITACHI TYPE PRESS-FIT DIODE
DD350 WTE-DD350 Datasheet
29Kb / 2P
   35A GLASS PASSIVATED DISH TYPE PRESS-FIT DIODE
DD350 WTE-DD350_14 Datasheet
32Kb / 2P
   35A GLASS PASSIVATED DISH TYPE PRESS-FIT DIODE
DD3520 WTE-DD3520_14 Datasheet
31Kb / 2P
   35A GLASS PASSIVATED AVALANCHE DISH TYPE PRESS-FIT DIODE
DD3520 WTE-DD3520 Datasheet
29Kb / 2P
   35A GLASS PASSIVATED AVALANCHE DISH TYPE PRESS-FIT DIODE
TC3500 WTE-TC3500_14 Datasheet
32Kb / 2P
   35A GLASS PASSIVATED 5/16 TIN CAN PRESS-FIT DIODE
TC3500 WTE-TC3500_06 Datasheet
29Kb / 2P
   35A GLASS PASSIVATED 5/16 TIN CAN PRESS-FIT DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com