Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2165 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2165
Description  16-Bit, 125/105/80Msps Low Power ADCs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2165 Datasheet(HTML) 2 Page - Linear Technology

  LTC2165_15 Datasheet HTML 1Page - Linear Technology LTC2165_15 Datasheet HTML 2Page - Linear Technology LTC2165_15 Datasheet HTML 3Page - Linear Technology LTC2165_15 Datasheet HTML 4Page - Linear Technology LTC2165_15 Datasheet HTML 5Page - Linear Technology LTC2165_15 Datasheet HTML 6Page - Linear Technology LTC2165_15 Datasheet HTML 7Page - Linear Technology LTC2165_15 Datasheet HTML 8Page - Linear Technology LTC2165_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
LTC2165/LTC2164/LTC2163
2
216543f
absoluTe MaxiMuM raTings
Supply Voltages (VDD, OVDD) .......................–0.3V to 2V
Analog Input Voltage (AIN+, AIN–, PAR/SER, SENSE)
(Note 3) ................................... –0.3V to (VDD + 0.2V)
Digital Input Voltage (ENC+, ENC, CS, SDI, SCK)
(Note 4) ................................................ –0.3V to 3.9V
SDO (Note 4) ............................................ –0.3V to 3.9V
(Notes 1, 2)
FULL RATE CMOS OUTPUT MODE
DOUBLE DATA RATE CMOS OUTPUT MODE
TOP VIEW
49
GND
UK PACKAGE
48-LEAD (7mm
× 7mm) PLASTIC QFN
VCM 1
AIN+ 2
AIN– 3
GND 4
REFH 5
REFL 6
REFH 7
REFL 8
PAR/SER 9
GND 10
GND 11
VDD 12
36 D11
35 D10
34 D9
33 D8
32 OVDD
31 OGND
30 CLKOUT+
29 CLKOUT
28 D7
27 D6
26 D5
25 D4
TJMAX = 150°C, θJA = 29°C/W
EXPOSED PAD (PIN 49) IS GND, MUST BE SOLDERED TO PCB
TOP VIEW
49
GND
UK PACKAGE
48-LEAD (7mm
× 7mm) PLASTIC QFN
VCM 1
AIN+ 2
AIN– 3
GND 4
REFH 5
REFL 6
REFH 7
REFL 8
PAR/SER 9
GND 10
GND 11
VDD 12
36 D10_11
35 DNC
34 D8_9
33 DNC
32 OVDD
31 OGND
30 CLKOUT+
29 CLKOUT
28 D6_7
27 DNC
26 D4_5
25 DNC
TJMAX = 150°C, θJA = 29°C/W
EXPOSED PAD (PIN 49) IS GND, MUST BE SOLDERED TO PCB
pin conFiguraTion
Digital Output Voltage ................–0.3V to (OVDD + 0.3V)
Operating Temperature Range
LTC2165C, LTC2164C, LTC2163C............. 0°C to 70°C
LTC2165I, LTC2164I, LTC2163I............–40°C to 85°C
Storage Temperature Range...................–65°C to 150°C


Similar Part No. - LTC2165_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2165 LINER-LTC2165 Datasheet
635Kb / 16P
   50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
More results

Similar Description - LTC2165_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2163 LINER-LTC2163_15 Datasheet
673Kb / 36P
   16-Bit, 125/105/80Msps Low Power ADCs
LTC2164 LINER-LTC2164_15 Datasheet
673Kb / 36P
   16-Bit, 125/105/80Msps Low Power ADCs
LTC2183 LINER-LTC2183_15 Datasheet
809Kb / 36P
   16-Bit, 125/105/80Msps Low Power Dual ADCs
LTC2185 LINER-LTC2185_15 Datasheet
809Kb / 36P
   16-Bit, 125/105/80Msps Low Power Dual ADCs
LTC2185 LINER-LTC2185 Datasheet
805Kb / 36P
   16-Bit, 125/105/80Msps Low Power Dual ADCs
LTC2193 LINER-LTC2193_15 Datasheet
903Kb / 28P
   16-Bit, 125/105/80Msps Low Power Dual ADCs
LTC2184 LINER-LTC2184_15 Datasheet
809Kb / 36P
   16-Bit, 125/105/80Msps Low Power Dual ADCs
LTC2194 LINER-LTC2194_15 Datasheet
903Kb / 28P
   16-Bit, 125/105/80Msps Low Power Dual ADCs
LTC2195 LINER-LTC2195_15 Datasheet
903Kb / 28P
   16-Bit, 125/105/80Msps Low Power Dual ADCs
LTC2261-12 LINER-LTC2261-12 Datasheet
823Kb / 32P
   12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com