Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1853 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1853
Description  8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1853 Datasheet(HTML) 1 Page - Linear Technology

  LTC1853_15 Datasheet HTML 1Page - Linear Technology LTC1853_15 Datasheet HTML 2Page - Linear Technology LTC1853_15 Datasheet HTML 3Page - Linear Technology LTC1853_15 Datasheet HTML 4Page - Linear Technology LTC1853_15 Datasheet HTML 5Page - Linear Technology LTC1853_15 Datasheet HTML 6Page - Linear Technology LTC1853_15 Datasheet HTML 7Page - Linear Technology LTC1853_15 Datasheet HTML 8Page - Linear Technology LTC1853_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC1852/LTC1853
1
18523fa
BLOCK DIAGRAM
FEATURES
APPLICATIONS
DESCRIPTION
8-Channel, 10-Bit/12-Bit,
400ksps, Low Power, Sampling ADCs
The 10-bit LTC®1852 and 12-bit LTC1853 are complete
8-channel data acquisition systems. They include a flexible
8-channel multiplexer, a 400ksps successive approxima-
tion analog-to-digital converter, an internal reference and a
parallel output interface. The multiplexer can be configured
for single-ended or differential inputs, two gain ranges and
unipolar or bipolar operation. The ADCs have a scan mode
that will repeatedly cycle through all 8 multiplexer channels
and can also be programmed to sequence through up to
16 addresses and configurations. The sequence can also
be read back from internal memory.
The reference and buffer amplifier provide pin strappable
ranges of 4.096V, 2.5V and 2.048V. The parallel output
includes the 10-bit or 12-bit conversion result plus the
4-bit multiplexer address. The digital outputs are pow-
ered from a separate supply allowing for easy interface
to 3V digital logic. Typical power consumption is 10mW
at 400ksps from a single 5V supply and 3mW at 250ksps
from a single 3V supply.
n Flexible 8-Channel Multiplexer
Single-Ended or Differential Inputs
Two Gain Ranges
Unipolar or Bipolar Operation
n Scan Mode and Programmable Sequencer
Eliminate Configuration Software Overhead
n Low Power: 3mW at 250ksps
n 2.7V to 5.5V Supply Range
n Internal or External Reference Operation
n Parallel Output Includes MUX Address
n Nap and Sleep Shutdown Modes
n Pin Compatible up-grade 1.25Msps 10-Bit LTC1850
and 12-Bit LTC1851
n High Speed Data Acquisition
n Test and Measurement
n Imaging Systems
n Telecommunications
n Industrial Process Control
n Spectrum Analysis
BUSY
DIFFOUT/S6
A2OUT/S5
A1OUT/S4
A0OUT/S3
D11/S2
D10/S1
D9/S0
D8
D7
D6
D5
D4
D3
D2
D1
D0
M1
SHDN
CS
CONVST
RD
WR
DIFF
A2
A1
A0
UNI/BIP
PGA
M0
OUTPUT
DRIVERS
DATA
LATCHES
OGND
18523 BD
OVDD
REF AMP
REFCOMP
REFIN
REFOUT
COM
CH7
CH6
CH5
CH4
CH3
CH2
CH1
CH0
8-CHANNEL
MULTIPLEXER
2.5V
REFERENCE
INTERNAL
CLOCK
LTC1853
CONTROL LOGIC
AND
PROGRAMMABLE
SEQUENCER
12-BIT
SAMPLING
ADC
+
Integral Linearity
0
512 1024 1536 2048 2560 3072 3584 4096
CODE
1.0
0.5
0
–0.5
–1.0
1852 F01
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.


Similar Part No. - LTC1853_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1853CFW LINER-LTC1853CFW Datasheet
247Kb / 24P
   8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs
LTC1853CFW-PBF LINER-LTC1853CFW-PBF Datasheet
247Kb / 24P
   8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs
LTC1853CFW-TRPBF LINER-LTC1853CFW-TRPBF Datasheet
247Kb / 24P
   8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs
LTC1853IFW LINER-LTC1853IFW Datasheet
247Kb / 24P
   8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs
LTC1853IFW-PBF LINER-LTC1853IFW-PBF Datasheet
247Kb / 24P
   8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs
More results

Similar Description - LTC1853_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1852 LINER-LTC1852_15 Datasheet
245Kb / 24P
   8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs
LTC1852 LINER-LTC1852 Datasheet
247Kb / 24P
   8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs
LTC1850 LINER-LTC1850 Datasheet
283Kb / 28P
   8-Channel, 10-Bit/12-Bit, 1.25Msps Sampling ADCs
LTC1850 LINER-LTC1850_15 Datasheet
293Kb / 28P
   8-Channel, 10-Bit/12-Bit, 1.25Msps Sampling ADCs
LTC1851 LINER-LTC1851_15 Datasheet
293Kb / 28P
   8-Channel, 10-Bit/12-Bit, 1.25Msps Sampling ADCs
LTC1416 LINER-LTC1416 Datasheet
506Kb / 20P
   Low Power 14-Bit, 400ksps Sampling ADC
LTC1416 LINER-LTC1416_15 Datasheet
335Kb / 20P
   Low Power 14-Bit, 400ksps Sampling ADC
logo
Maxim Integrated Produc...
MAX186 MAXIM-MAX186 Datasheet
245Kb / 24P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX186 MAXIM-MAX186_V01 Datasheet
394Kb / 25P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com