Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2023-6132-20 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 2023-6132-20
Description  Air Dielectric Directional Couplers Low Loss, Octave Bandwidth
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2023-6132-20 Datasheet(HTML) 1 Page - Tyco Electronics

  2023-6132-20 Datasheet HTML 1Page - Tyco Electronics 2023-6132-20 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel. +85 2 2111 8088, Fax +85 2 2111 8087
s Europe: Tel. +44 (1344) 869 595, Fax +44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
5-8
V2.00
Air Dielectric Directional Couplers
Low Loss, Octave Bandwidth
2023 Series
Mechanical Specifications
Features
Air Dielectric for Low Loss
Frequency Range: 1.0 to 18 GHz
Octave Bandwidths
Meets MIL-E-5400 and MIL-E-16400 Environments
Description
These directional couplers feature compact packaging
and four-port construction. This combination permits
flexibility in system designs. They are intended for test
and measurement setups as well as for system use.
Temperature range is -54° to +110°C. These units incor-
porate three miniature, low VSWR SMA jack connectors.
Isolated port is terminated with 1/2 watt, 50 ohm load.
q
q
q
q
Case
A
B
C
D
E
F
G
H
Weight
Style
Inch (mm)
Inch (mm)
Inch (mm)
Inch (mm)
Inch (mm) Inch (mm)
Inch (mm)
Inch (mm)
oz.
g
1
2.55 (64.8)
2.39 (60.8)
1.97 (50.1)
1.16 (29.4)
0.50 (12.7)
0.38 (9.7)
0.91 (23.2)
0.093 (2.36)
1.90
54
2
1.69 (42.7)
1.52 (38.7)
1.11 (28.2)
1.16 (29.4)
0.50 (12.7)
0.38 (9.7)
0.91 (23.2)
0.093 (2.36)
1.10
31
3
1.41 (35.6)
1.24 (31.5)
0.82 (20.8)
1.16 (29.4)
0.50 (12.7)
0.38 (9.7)
0.91 (23.2)
0.093 (2.36)
1.07
31
4
1.19 (30.0)
1.02 (26.0)
0.60 (15.2)
1.16 (29.4)
0.50 (12.7)
0.38 (9.7)
0.91 (23.2)
0.093 (2.36)
0.98
28
5
1.08 (27.4)
0.92 (23.4)
0.50 (12.7)
1.28 (32.6)
0.63 (15.9)
0.38 (9.7)
0.97 (24.6)
0.093 (2.36)
1.01
30


Similar Part No. - 2023-6132-20

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
2023-6133-06 MA-COM-2023-6133-06 Datasheet
52Kb / 2P
   Air Dielectric Directional Couplers Low Loss, Octave Bandwidth
2023-6134-10 MA-COM-2023-6134-10 Datasheet
52Kb / 2P
   Air Dielectric Directional Couplers Low Loss, Octave Bandwidth
2023-6135-20 MA-COM-2023-6135-20 Datasheet
52Kb / 2P
   Air Dielectric Directional Couplers Low Loss, Octave Bandwidth
2023-6136-06 MA-COM-2023-6136-06 Datasheet
52Kb / 2P
   Air Dielectric Directional Couplers Low Loss, Octave Bandwidth
2023-6137-10 MA-COM-2023-6137-10 Datasheet
52Kb / 2P
   Air Dielectric Directional Couplers Low Loss, Octave Bandwidth
More results

Similar Description - 2023-6132-20

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
2023 MA-COM-2023 Datasheet
52Kb / 2P
   Air Dielectric Directional Couplers Low Loss, Octave Bandwidth
2020-6605-10 MA-COM-2020-6605-10 Datasheet
365Kb / 3P
   Directional Couplers Mini Octave Bandwidth
2020 MA-COM-2020_15 Datasheet
370Kb / 3P
   Directional Couplers Mini, Octave Bandwidth
2020SERIES MA-COM-2020SERIES Datasheet
55Kb / 2P
   Directional Couplers Mini, Octave Bandwidth
2020 MA-COM-2020 Datasheet
52Kb / 2P
   Directional Couplers Mini, Octave Bandwidth
logo
Tyco Electronics
2025 MACOM-2025 Datasheet
155Kb / 1P
   Directional Couplers Multi-Octave
logo
M/A-COM Technology Solu...
2025SERIES MA-COM-2025SERIES Datasheet
48Kb / 1P
   Directional Couplers, Multi-Octave
2025 MA-COM-2025 Datasheet
48Kb / 1P
   Directional Couplers, Multi-Octave
2025 MA-COM-2025_15 Datasheet
375Kb / 2P
   Directional Couplers, Multi-Octave
logo
Tyco Electronics
2020 MACOM-2020 Datasheet
128Kb / 2P
   Directional Couplers Mini, Octave Brandwidth
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com