Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN1019UVT-7 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMN1019UVT-7
Description  12V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN1019UVT-7 Datasheet(HTML) 5 Page - Diodes Incorporated

  DMN1019UVT-7 Datasheet HTML 1Page - Diodes Incorporated DMN1019UVT-7 Datasheet HTML 2Page - Diodes Incorporated DMN1019UVT-7 Datasheet HTML 3Page - Diodes Incorporated DMN1019UVT-7 Datasheet HTML 4Page - Diodes Incorporated DMN1019UVT-7 Datasheet HTML 5Page - Diodes Incorporated DMN1019UVT-7 Datasheet HTML 6Page - Diodes Incorporated DMN1019UVT-7 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DMN1019UVT
Document number: DS37506 Rev. 2 - 2
5 of 7
www.diodes.com
April 2015
© Diodes Incorporated
DMN1019UVT
0.01
0.1
1
10
100
0.01
0.1
1
10
100
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 13 SOA, Safe Operation Area
T
J(Max)=150℃
T
A=25℃
V
GS=4.5V
Single Pulse
DUT on 1*MRP Board
R
DS(ON)
Limited
DC
P
W=10s
P
W=1s
P
W=100ms
P
W=10ms
P
W=1ms
P
W=100µs
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
10000
t1, PULSE DURATION TIME (sec)
Figure 14 Transient Thermal Resistance
RθJA (t)=r(t) * RθJA
RθJA=107℃/W
Duty Cycle, D=t1 / t2
D=Single Pulse
D=0.005
D=0.01
D=0.02
D=0.05
D=0.1
D=0.3
D=0.5
D=0.7
D=0.9


Similar Part No. - DMN1019UVT-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN1019UVT DIODES-DMN1019UVT Datasheet
365Kb / 7P
   12V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN1019UVT-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN1260UFA DIODES-DMN1260UFA_15 Datasheet
372Kb / 6P
   12V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN1008UFDF DIODES-DMN1008UFDF Datasheet
573Kb / 7P
   12V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LDN8102DT1AG LRC-LDN8102DT1AG Datasheet
700Kb / 3P
   12V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMN14M8UFDF DIODES-DMN14M8UFDF Datasheet
737Kb / 7P
   12V N-CHANNEL ENHANCEMENT MODE MOSFET
August 2021 Rev. 3 - 2
DMN1019UFDE DIODES-DMN1019UFDE Datasheet
223Kb / 7P
   12V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN1008UFDFQ DIODES-DMN1008UFDFQ Datasheet
548Kb / 7P
   12V N-CHANNEL ENHANCEMENT MODE MOSFET
July 2020 Rev. 2 - 2
DMN1019UFDE DIODES-DMN1019UFDE_15 Datasheet
287Kb / 7P
   12V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN1019USN DIODES-DMN1019USN_15 Datasheet
313Kb / 6P
   12V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN1004UFV DIODES-DMN1004UFV Datasheet
375Kb / 7P
   12V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN1019USN DIODES-DMN1019USN Datasheet
313Kb / 6P
   12V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com