Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTZJ2.7D Datasheet(PDF) 1 Page - Leshan Radio Company

Part # MTZJ2.7D
Description  MTZJ SERIES ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MTZJ2.7D Datasheet(HTML) 1 Page - Leshan Radio Company

  MTZJ2.7D Datasheet HTML 1Page - Leshan Radio Company MTZJ2.7D Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
6B–1/2
MTZJ
MTZJ SERIES ZENER DIODES
MTZJ SERIES
ZENER DIODES
Package Dimensions: DO-35
1.880-2.100
2.120-2.300
2.330-2.520
2.540-2.750
2.850-3.070
3.160-3.380
3.455-3.695
3.740-4.010
4.04-4.29
4.44-4.68
4.81-5.07
5.28-5.55
5.78-6.09
6.29-6.63
6.85-7.22
7.53-7.92
8.29-8.73
9.12-9.59
10.18-10.71
11.13-11.71
12.11-12.75
13.44-14.13
14.80-15.57
16.22-17.06
2.0
2.2
2.4
2.7
3.0
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.2
6.8
7.5
8.2
9.1
10
11
12
13
15
16
18
MTZJ
2.020-2.200
2.220-2.410
2.430-2.630
2.690-2.910
3.010-3.220
3.320-3.530
3.600-3.845
3.89-4.16
4.17-4.43
4.55-4.80
4.94-5.20
5.45-5.73
5.96-6.27
6.49-6.83
7.07-7.45
7.78-8.19
8.57-9.01
9.41-9.90
10.50-11.05
11.44-12.03
12.55-13.21
13.89-14.62
15.25-16.04
16.82-17.70
-
-
-
-
-
-
-
-
4.30-4.57
4.68-4.93
5.09-5.37
5.61-5.91
6.12-6.44
6.66-7.01
7.29-7.67
8.03-8.45
8.83-9.30
9.70-10.20
10.82-11.38
11.74-12.35
12.99-13.66
14.35-15.09
15.69-16.51
17.42-18.33
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
9.94-10.44
-
-
-
-
-
-
5
5
5
5
5
100
100
100
110
120
120
100
100
100
80
70
40
30
20
20
20
20
20
20
25
25
25
25
30
1000
1000
900
1200
900
500
150
120
120
120
120
120
110
110
110
150
150
0.5
0.5
1
1
1
0.5
0.5
0.5
0.5
120
120
120
100
50
20
10
5
5
5
5
5
5
2
0.5
0.5
0.5
0.2
0.2
0.2
0.2
0.5
0.7
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.5
2.5
3
3.5
4
5
6
7
8
9
10
11
12
13
5
5
5
5
5
DO-35
(mm)
Φ 1.8 ± 0.2
29 ± 1
3.8 ± 0.2
29 ± 1
Φ 0.5 ± 0.1
Part
No
Voltage
VZ(V)Zener Voltage
(Thin suffix)
AB
C
D
Z Z
(
Ω )
Max
I Z
(mA)
Z ZK
I Z
(mA)
(
Ω )
Max
IR
VR
(V)
(
µA)
Max
IZ
(mA)


Similar Part No. - MTZJ2.7D

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MTZJ2.7D WEITRON-MTZJ2.7D Datasheet
613Kb / 3P
   Axial Lead Zener Diodes
More results

Similar Description - MTZJ2.7D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Panasonic Semiconductor
DZ2W03900L PANASONIC-DZ2W03900L Datasheet
609Kb / 2P
   NEW Zener Diodes Series 1W/2W Zener Diodes Series
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Leshan Radio Company
1N992A LRC-1N992A Datasheet
33Kb / 1P
   1N9 SERIES ZENER DIODES
logo
RFE international
BZX55C2V0 RFE-BZX55C2V0 Datasheet
1Mb / 2P
   Zener Diodes BZX Series
06-06-2022
1N5913B RFE-1N5913B Datasheet
808Kb / 5P
   Zener Diodes 1N59 Series
AUG-04-2023
1N533B RFE-1N533B Datasheet
2Mb / 5P
   Zener Diodes 1N53 Series
06-06-2022
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com