Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN2400UFB4 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMN2400UFB4
Description  20V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2400UFB4 Datasheet(HTML) 5 Page - Diodes Incorporated

  DMN2400UFB4_15 Datasheet HTML 1Page - Diodes Incorporated DMN2400UFB4_15 Datasheet HTML 2Page - Diodes Incorporated DMN2400UFB4_15 Datasheet HTML 3Page - Diodes Incorporated DMN2400UFB4_15 Datasheet HTML 4Page - Diodes Incorporated DMN2400UFB4_15 Datasheet HTML 5Page - Diodes Incorporated DMN2400UFB4_15 Datasheet HTML 6Page - Diodes Incorporated DMN2400UFB4_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DMN2400UFB4
Document number: DS32025 Rev. 6 - 2
5 of 7
www.diodes.com
May 2015
© Diodes Incorporated
DMN2400UFB4
0
10
20
30
40
50
60
0
5
10
15
20
Fig. 9 Typical Capacitance
V
, DRAIN-SOURCE VOLTAGE (V)
DS
f = 1MHz
Ciss
Coss
Crss
1
10
100
1,000
2
4
6
8
10
12
14
16
18
20
Fig. 10 Typical Drain-Source Leakage Current
vs. Drain-Source Voltage
V
, DRAIN-SOURCE VOLTAGE (V)
DS
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
T = -55°C
A
2
4
6
8
10
12
Fig. 11 Typical Gate-Source Leakage Current
vs. Gate-Source Voltage
V
, GATE-SOURCE VOLTAGE (V)
GS
1
10
100
1,000
10,000
100,000
T = 150°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = -55°C
A
1
10
100
1,000
10,000
100,000
2
4
6
8
10
12
Fig. 12 Typical Gate-Source Leakage Current
vs. Gate-Source Voltage
V
, GATE-SOURCE VOLTAGE (V)
GS
T = 150°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = -55°C
A
0.001
0.01
0.1
1
10
100
1,000
Fig. 13 Transient Thermal Response
t , PULSE DURATION TIME (s)
1
0.00001
0.0001
0.001
0.01
0.1
1
T - T = P * R
(t)
Duty Cycle, D = t /t
J
A
JA
12
R
(t) = r(t) *
JA
R
R
= 253°C/W
JA
JA
P(pk)
t1
t
2
D = 0.7
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
D = Single Pulse
D = 0.9
D = 0.5


Similar Part No. - DMN2400UFB4_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN2400UFB4 DIODES-DMN2400UFB4_17 Datasheet
462Kb / 9P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN2400UFB4_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01E6 ZETEX-ZXMN2A01E6_06 Datasheet
198Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A01F ZETEX-ZXMN2A01F Datasheet
85Kb / 4P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTA090N02KC3 CYSTEKEC-MTA090N02KC3 Datasheet
395Kb / 8P
   20V N-Channel Enhancement Mode MOSFET
logo
First Components Intern...
FMS06N20D FCI-FMS06N20D Datasheet
232Kb / 2P
   20V N-Channel Enhancement-Mode MOSFET
logo
Cystech Electonics Corp...
MTA340N02S3 CYSTEKEC-MTA340N02S3 Datasheet
431Kb / 9P
   20V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN2A01F DIODES-ZXMN2A01F Datasheet
223Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A03E6 DIODES-ZXMN2A03E6 Datasheet
203Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2320 TSC-TSM2320 Datasheet
263Kb / 5P
   20V N-Channel Enhancement Mode MOSFET
TSM2832 TSC-TSM2832 Datasheet
170Kb / 5P
   20V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN2302N3 CYSTEKEC-MTN2302N3 Datasheet
212Kb / 5P
   20V N-CHANNEL Enhancement Mode MOSFET
MTN2300N3 CYSTEKEC-MTN2300N3 Datasheet
476Kb / 5P
   20V N-CHANNEL Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com