Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1512 Datasheet(PDF) 2 Page - Marl International Limited

Part # CC1512
Description  High Power Constant Current LED Driver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

CC1512 Datasheet(HTML) 2 Page - Marl International Limited

  CC1512_15 Datasheet HTML 1Page - Marl International Limited CC1512_15 Datasheet HTML 2Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INDUSTRIES CORP. 5625-A S. Arville, Las Vegas, NV 89118 Tel:702-364-9998 Fax: 702-364-1562 www.magtechind.com Anz124b
MODEL INFORMATION :
CC4036xye-zzzz ( Single DC Output )
x = D- DC input A- Low Voltage AC input
y = P- plastic housing (31x32x15mm), E- Not Defined
zzzz = 0350- 350mA , 0500- 500mA , 0700- 700mA ,1000- 1000mA Constant Current Output.
MECHANICAL DRAWING:
P-Plastic Housing


Similar Part No. - CC1512_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CC1512AP-1000 ETC1-CC1512AP-1000 Datasheet
64Kb / 2P
   High Power Constant Current LED Driver
CC1512AP-350 ETC1-CC1512AP-350 Datasheet
64Kb / 2P
   High Power Constant Current LED Driver
CC1512AP-700 ETC1-CC1512AP-700 Datasheet
64Kb / 2P
   High Power Constant Current LED Driver
CC1512DP-1000 ETC1-CC1512DP-1000 Datasheet
64Kb / 2P
   High Power Constant Current LED Driver
CC1512DP-350 ETC1-CC1512DP-350 Datasheet
64Kb / 2P
   High Power Constant Current LED Driver
More results

Similar Description - CC1512_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LD1026 ETC1-LD1026 Datasheet
34Kb / 1P
   High Power Constant Current LED Driver
LD-CUANDLD-PI ETC1-LD-CUANDLD-PI Datasheet
39Kb / 1P
   High Power Constant Current LED Driver
logo
Marl International Limi...
CC1512 MARL-CC1512 Datasheet
64Kb / 2P
   High Power Constant Current LED Driver
LD1007 MARL-LD1007 Datasheet
116Kb / 1P
   High Power Constant Current LED Driver
LD1026 MARL-LD1026 Datasheet
34Kb / 1P
   High Power Constant Current LED Driver
LD-CUANDLD-PI MARL-LD-CUANDLD-PI Datasheet
39Kb / 1P
   High Power Constant Current LED Driver
logo
List of Unclassifed Man...
CC1512 ETC1-CC1512 Datasheet
64Kb / 2P
   High Power Constant Current LED Driver
LP4100 ETC1-LP4100 Datasheet
138Kb / 2P
   High Power Constant Current LED Driver
logo
Marl International Limi...
LD1007 MARL-LD1007_15 Datasheet
116Kb / 1P
   High Power Constant Current LED Driver
LD1026 MARL-LD1026_15 Datasheet
34Kb / 1P
   High Power Constant Current LED Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com