Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCP70R360S Datasheet(PDF) 4 Page - SemiHow Co.,Ltd.

Part # HCP70R360S
Description  Superior Avalanche Rugged Technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HCP70R360S Datasheet(HTML) 4 Page - SemiHow Co.,Ltd.

  HCP70R360S Datasheet HTML 1Page - SemiHow Co.,Ltd. HCP70R360S Datasheet HTML 2Page - SemiHow Co.,Ltd. HCP70R360S Datasheet HTML 3Page - SemiHow Co.,Ltd. HCP70R360S Datasheet HTML 4Page - SemiHow Co.,Ltd. HCP70R360S Datasheet HTML 5Page - SemiHow Co.,Ltd. HCP70R360S Datasheet HTML 6Page - SemiHow Co.,Ltd. HCP70R360S Datasheet HTML 7Page - SemiHow Co.,Ltd. HCP70R360S Datasheet HTML 8Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Typical Characteristics (continued)
Figure 7. Breakdown Voltage Variation
vs Temperature
Figure 8. On-Resistance Variation
vs Temperature
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs Case Temperature
Figure 11. Transient Thermal Response Curve
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Note :
1. V
GS = 10 V
2. I
D = 5.5 A
T
J, Junction Temperature [
oC]
t
2
t
1
P
DM
25
50
75
100
125
150
0
2
4
6
8
10
12
T
C, Case Temperature [
oC]
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
Note :
1. V
GS = 0 V
2. I
D = 250 A
T
J, Junction Temperature [
oC]
10
-1
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
10
2
10 s
100 ms
DC
10 ms
1 ms
100 s
Operation in This Area
is Limited by R
DS(on)
* Notes :
1. T
C = 25
oC
2. T
J = 150
oC
3. Single Pulse
V
DS, Drain-Source Voltage [V]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
* Notes :
1. Z
JC(t) = 1.0
oC/W Max.
2. Duty Factor, D=t
1/t2
3. T
JM - TC = PDM * Z JC(t)
single pulse
D=0.5
0.02
0.2
0.05
0.1
0.01
t
1, Square Wave Pulse Duration [sec]


Similar Part No. - HCP70R360S

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HCP70R600S SEMIHOW-HCP70R600S Datasheet
177Kb / 8P
   Superior Avalanche Rugged Technology
More results

Similar Description - HCP70R360S

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HRLD150N10K SEMIHOW-HRLD150N10K Datasheet
326Kb / 9P
   Superior Avalanche Rugged Technology
HCD65R360S SEMIHOW-HCD65R360S Datasheet
268Kb / 8P
   Superior Avalanche Rugged Technology
HFS2N60U SEMIHOW-HFS2N60U Datasheet
307Kb / 8P
   Superior Avalanche Rugged Technology
HFS5N65U SEMIHOW-HFS5N65U Datasheet
320Kb / 8P
   Superior Avalanche Rugged Technology
HFS8N65U SEMIHOW-HFS8N65U Datasheet
312Kb / 8P
   Superior Avalanche Rugged Technology
HFS8N70U SEMIHOW-HFS8N70U Datasheet
313Kb / 8P
   Superior Avalanche Rugged Technology
HFS10N60U SEMIHOW-HFS10N60U Datasheet
306Kb / 7P
   Superior Avalanche Rugged Technology
HFD8N70U SEMIHOW-HFD8N70U Datasheet
264Kb / 8P
   Superior Avalanche Rugged Technology
HFN6N70U SEMIHOW-HFN6N70U Datasheet
256Kb / 7P
   Superior Avalanche Rugged Technology
HFP2N60U SEMIHOW-HFP2N60U Datasheet
197Kb / 8P
   Superior Avalanche Rugged Technology
HFP5N50U SEMIHOW-HFP5N50U Datasheet
209Kb / 8P
   Superior Avalanche Rugged Technology
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com