Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

130136-0059 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 130136-0059
Description  Super-Safeway Multi-Tap (3) L5-20 Outlet Box with Buss Bars
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130136-0059 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  130136-0059 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 04/17/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
130136-0059
Status:
Active
Overview:
Outlet Boxes
Description:
Super-Safeway® Multi-Tap (3) L5-20 Outlet Box with Buss Bars, 7.62m (25.0') Cord
Length, 12/3 SOOW Cord, NEMA L5-20 Plug
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
Agency Certification
CSA
LR6837
General
Product Family
Power Distribution
Series
130136
Enclosure Rating
N/A
GFCI Reset
N/A
Mounting Style
Portable
Open Neutral Relay
N/A
Overview
Outlet Boxes
Product Literature Order No
987650-7737
Product Name
Super-Safeway™
Receptacle Type
Triple
Type
Multi-Tap and Strip Cordset
UPC
78678875665
Woodhead
Yes
Physical
Cord Diameter
15.24mm (.600")
Cord Grip Body Size
Double C-Clamp
Cord Length
7.62m (25.0')
Feed-Thru
No
Flip Lid
No
Material - Housing
Rubber
Number of Receptacles
3
Packaging Type
Carton
Electrical
Cord Type
12/3 SOOW
Current - Maximum per Contact
20.0A
GFCI
No
Ground Continuity Monitor
No
NEMA Configuration
NEMA L5-20
Voltage - Maximum
120V
Material Info
Old Part Number
32747A123
Series
image - Reference only
EU RoHS
China RoHS
Not RoHS Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130136Series
This document was generated on 04/17/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 130136-0059

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130136-0050 MOLEX11-130136-0050 Datasheet
49Kb / 1P
   Super-Safeway Multi-Tap (3) Outlet Box with Buss Bars,
130136-0052 MOLEX11-130136-0052 Datasheet
49Kb / 1P
   Super-Safeway Multi-Tap (3) Non-NEMA 15A/125V/10A/250V Outlet Box with Buss Bars
130136-0053 MOLEX11-130136-0053 Datasheet
56Kb / 1P
   Super-Safeway Multi-Tap (3) Outlet Box with Buss Bars, Non-NEMA
130136-0054 MOLEX11-130136-0054 Datasheet
56Kb / 1P
   Super-Safeway Multi-Tap (3) Non-NEMA 20A/125V/250V Outlet Box with Buss Bars
130136-0055 MOLEX11-130136-0055 Datasheet
56Kb / 1P
   Super-Safeway Multi-Tap (3) Non-NEMA 20A/125V/250V Outlet Box with Buss Bars
More results

Similar Description - 130136-0059

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130136-0061 MOLEX11-130136-0061 Datasheet
56Kb / 1P
   Super-Safeway Multi-Tap (3) L5-20 Outlet Box with Buss Bars
130136-0060 MOLEX11-130136-0060 Datasheet
56Kb / 1P
   Super-Safeway Multi-Tap (3) L5-20 Outlet Box with Buss Bars
130136-0058 MOLEX11-130136-0058 Datasheet
56Kb / 1P
   Super-Safeway Multi-Tap (3) Outlet Box with Buss Bars, NEMA L5-20
130136-0049 MOLEX11-130136-0049 Datasheet
49Kb / 1P
   Super-Safeway Multi-Tap (3) NEMA L5-15 Outlet Box with Buss Bars
130136-0047 MOLEX11-130136-0047 Datasheet
49Kb / 1P
   Super-Safeway Multi-Tap (3) NEMA L5-15 Outlet Box with Buss Bars
130136-0001 MOLEX11-130136-0001 Datasheet
49Kb / 1P
   Super-Safeway Multi-Tap (3) NEMA L5-15 Outlet Box with Buss Bars
130136-0046 MOLEX11-130136-0046 Datasheet
49Kb / 1P
   Super-Safeway Multi-Tap (3) Outlet Box with Buss Bars,
130136-0033 MOLEX11-130136-0033 Datasheet
49Kb / 1P
   Super-Safeway Multi-Tap (3) Outlet Box with Buss Bars
130136-0025 MOLEX11-130136-0025 Datasheet
49Kb / 1P
   Super-Safeway Multi-Tap (3) Outlet Box with Buss Bars
130136-0050 MOLEX11-130136-0050 Datasheet
49Kb / 1P
   Super-Safeway Multi-Tap (3) Outlet Box with Buss Bars,
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com