Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPG110P Datasheet(PDF) 7 Page - NEC

Part # UPG110P
Description  2 to 8 GHz WIDE BAND AMPLIFIER CHIP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPG110P Datasheet(HTML) 7 Page - NEC

  UPG110P Datasheet HTML 1Page - NEC UPG110P Datasheet HTML 2Page - NEC UPG110P Datasheet HTML 3Page - NEC UPG110P Datasheet HTML 4Page - NEC UPG110P Datasheet HTML 5Page - NEC UPG110P Datasheet HTML 6Page - NEC UPG110P Datasheet HTML 7Page - NEC UPG110P Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
µPG110P
7
QUALITY ASSURANCE (Refer to GET-30116)
1. 100 % Tests
1-1 100 % DC Probe
1-2
Visual Inspection
MIL-STD-883 Method 2010
Condition B
2. Tests on Sampling Basis
2-1 Bond Pull Tests (In case of recommended chip handling)
MIL-STD-883 Method 2011
5 samples/wafer and 20 points tested
Accept 0/Reject 1
2-2
Tests in Standard Package
Test the electrical characteristics of chips assembled into the standard package used for
µPG110B
5 samples/wafer tested
DC and RF measurement Accept 1/Reject 2
3. Warrantee
NEC has a responsibility of quality assurance for the products within 180 days after delivered to customers where these
are handled properly and stored in a desiccater with the flow of dry N2 gas.
4. Caution
4-1 Take great care to prevent static electricity.
4-2 Be sure that Die Attach is performed in N2 atmosphere.


Similar Part No. - UPG110P

ManufacturerPart #DatasheetDescription
logo
NEC
UPG110P NEC-UPG110P Datasheet
73Kb / 3P
   2-8 GHZ WIDE-BAND AMPLIFIER
More results

Similar Description - UPG110P

ManufacturerPart #DatasheetDescription
logo
NEC
UPG110B NEC-UPG110B Datasheet
73Kb / 3P
   2-8 GHZ WIDE-BAND AMPLIFIER
logo
Tyco Electronics
MAAM28000-A1 MACOM-MAAM28000-A1 Datasheet
126Kb / 2P
   Wide Band GaAs MMIC Amplifier 2-8 GHz
logo
TriQuint Semiconductor
TGA4521 TRIQUINT-TGA4521_15 Datasheet
309Kb / 9P
   32 to 45 GHz Wide Band Driver Amplifier
TGA4522 TRIQUINT-TGA4522_15 Datasheet
369Kb / 12P
   33 to 47 GHz Wide Band Driver Amplifier
logo
United Monolithic Semic...
CHA3023 UMS-CHA3023 Datasheet
389Kb / 8P
   1-18 GHz WIDE BAND AMPLIFIER
CHA3023 UMS-CHA3023_15 Datasheet
231Kb / 8P
   1-18 GHz WIDE BAND AMPLIFIER
logo
NEC
UPC2708T NEC-UPC2708T Datasheet
140Kb / 6P
   3 GHz SILICON MMIC WIDE-BAND AMPLIFIER
UPC2709T NEC-UPC2709T Datasheet
96Kb / 6P
   2.5 GHz SILICON MMIC WIDE-BAND AMPLIFIER
logo
Teledyne Technologies I...
CMA-8-2004 TELEDYNE-CMA-8-2004 Datasheet
891Kb / 2P
   Amplifier 2 GHz - 8 GHz
logo
NEC
UPC2710T NEC-UPC2710T Datasheet
95Kb / 6P
   1.5 GHz SILICON MMIC WIDE-BAND AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com