Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXT970QC Datasheet(PDF) 8 Page - Level One

Part # LXT970QC
Description  Fast Ethernet Transceiver
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

LXT970QC Datasheet(HTML) 8 Page - Level One

Back Button LXT970QC Datasheet HTML 4Page - Level One LXT970QC Datasheet HTML 5Page - Level One LXT970QC Datasheet HTML 6Page - Level One LXT970QC Datasheet HTML 7Page - Level One LXT970QC Datasheet HTML 8Page - Level One LXT970QC Datasheet HTML 9Page - Level One LXT970QC Datasheet HTML 10Page - Level One LXT970QC Datasheet HTML 11Page - Level One LXT970QC Datasheet HTML 12Page - Level One Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
/;7äæí )DVW (WKHUQHW 7UDQVFHLYHU
ììðìæë
L1
7DEOH æã /;7äæí +DUGZDUH &RQWURO ,QWHUIDFH 6LJQDO 'HVFULSWLRQV
3LQú
3LQ 1DPH
,î2
3LQ 'HVFULSWLRQ
0)í ð 0)é
,
0XOWLð)XQFWLRQ õ0)ôï (DFK SLQ KDV WZR LQGHSHQGHQW VHWWLQJV WKDW DUH HVWDEOLVKHG E\
éðOHYHO VXSSO\ YROWDJHVï 7KH ILUVW VHWWLQJ õ$''ôñ GHWHUPLQHV WKH 3+< DGGUHVV RQ WKH
0',2 EXV DQG WKH VHFRQG VHWWLQJ õ)81&ôñ GHWHUPLQHV FRQILJXUDWLRQ RI WKH /;7äæíï
7KH 0) LQSXWV GLUHFWO\ DIIHFW SDUWLFXODU ELWV LQ WKH 0',2 UHJLVWHU VHWï 7KH HIIHFW LV
PHGLDWHG E\ WKH 0'',6 SLQï :KHQ 0'',6 LV +LJKñ WKHVH LQSXWV FRQWLQXDOO\ DIIHFW WKH
0',2 UHJLVWHUVï :KHQ 0'',6 LV /RZñ WKH\ GHWHUPLQH LQLWLDO õGHIDXOWô YDOXHV RQO\ï
7DEOH ëì VKRZV WKH éðOHYHO VXSSO\ YROWDJHV õYROWDJH OHYHOV UHIHUUHG WR DV 90)ìñ 90)ëñ
90)êDQG 90)éô WKDW HVWDEOLVK WKH VHWWLQJV SHU SLQï $Q H[WHUQDO YROWDJH GLYLGHUñ DV
VKRZQ LQ WKH /D\RXW 5HTXLUHPHQW VHFWLRQñ LV UHTXLUHG WR HVWDEOLVK PLGðOHYHO õ90)ëDQG
90)êô VHWWLQJVï 90)ìDQG 90)é õGHIDXOWô VHWWLQJVñ FDQ EH HVWDEOLVKHG ZLWK WKH /;7äæí
VWDQGDUG SRZHU VXSSO\ DQG GR QRW UHTXLUH D YROWDJH GLYLGHUï 7DEOHV å DQG ä VKRZ WKH
VHOHFWHG 0) SLQ IXQFWLRQ DQG DGGUHVV ZLWK UHVSHFW WR WKH DSSOLHG LQSXW YROWDJH OHYHOï
7KH GHVFULSWLRQV EHORZ GHWDLO WKH FRQILJXUDWLRQ RI HDFK RI WKHVH SLQVï
å
0)í
,
(QDEOHV $XWRð1HJRWLDWLRQ õ$î1ô DQG GLUHFWO\ DIIHFWV 0',2 UHJLVWHU ELW íïìëï
:KHQ LQSXW YDOXH 90)ìRU90)éñ $î1 LV GLVDEOHG DQG íïìë íï
:KHQ LQSXW YDOXH 90)ëRU90)êñ $î1 LV HQDEOHG DQG íïìë ìï
æ
0)ì
,
6HOHFWV 5HSHDWHU 0RGH DQG GLUHFWO\ DIIHFWV 0',2 UHJLVWHU ELW ìäïìêï
:KHQ LQSXW YDOXH 90)ìRU90)éñ '7( 0RGH LV HQDEOHG DQG ìäïìê íï
:KHQ LQSXW YDOXH 90)ëRU90)êñ 5HSHDWHU 0RGH LV HQDEOHG DQG ìäïìê ìï
ç
0)ë
,
,Q 7; PRGHñ VHOHFWV é% 1LEEOH õQRUPDOô RU è% 6\PERO 0RGH DQG GLUHFWO\ DIIHFWV 0',2
UHJLVWHU ELW ìäïéï
:KHQ LQSXW YDOXH 90)ìRU90)éñ é% 1LEEOH 0RGH LV VHOHFWHG DQG ìäïé íï
:KHQ LQSXW YDOXH 90)ëRU90)êñ è% 6\PERO 0RGH LV VHOHFWHG DQG ìäïé ìï
è
0)ê
,
,Q 7; PRGHñ HQDEOHV RU E\SDVVHV 6FUDPEOHU RSHUDWLRQ DQG GLUHFWO\ DIIHFWV 0',2 UHJLVWHU
ELW ìäïêï
:KHQ LQSXW YDOXH 90)ìRU90)éñ 6FUDPEOHU LV HQDEOHG DQG ìäïê íï
:KHQ LQSXW YDOXH 90)ëRU90)êñ 6FUDPEOHU LV E\SDVVHG DQG ìäïê ìï
,Q ); PRGHñ WKH /;7äæí DXWRPDWLFDOO\ E\SDVVHV WKH 6FUDPEOHUï 6HOHFWLQJ 6FUDPEOHU
E\SDVV LQ ); PRGH ZLOO FDXVH WKH /;7äæí WR DOVR E\SDVV WKH é%îè% HQFRGHU DQG HQDEOH
6\PERO PRGH 0,, RSHUDWLRQï
é0)é
,
:KHQ $î1 LV HQDEOHGñ 0)é GHWHUPLQHV RSHUDWLQJ VSHHG DGYHUWLVHPHQW FDSDELOLWLHV LQ
FRPELQDWLRQ ZLWK &)*ìï 6HH 7DEOH ä IRU GHWDLOVï
:KHQ $î1 LV GLVDEOHGñ WKLV LQSXW VHOHFWV HLWKHU 7; RU ); LQWHUIDFHï :KHQ ); LQWHUIDFH
LV VHOHFWHGñ WKH /;7äæí ZLOO DXWRPDWLFDOO\ GLVDEOH WKH VFUDPEOHUï )RU FRUUHFW ); RSHUDð
WLRQñ ìíí0ESV RSHUDWLRQ PXVW DOVR EH VHOHFWHGï
:KHQ LQSXW YDOXH 90)ìRU90)éñ 7; LV HQDEOHG DQG ìäïë íï
:KHQ LQSXW YDOXH 90)ëRU90)êñ ); LV HQDEOHG DQG ìäïë ìï
ìï ,î2 &ROXPQ &RGLQJã , ,QSXW


Similar Part No. - LXT970QC

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
LXT970A INTEL-LXT970A Datasheet
1Mb / 74P
   Dual-Speed Fast Ethernet Transceiver
logo
Pulse A Technitrol Comp...
LXT970A PULSE-LXT970A Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Intel Corporation
LXT970AQC INTEL-LXT970AQC Datasheet
1Mb / 74P
   Dual-Speed Fast Ethernet Transceiver
LXT970ATC INTEL-LXT970ATC Datasheet
1Mb / 74P
   Dual-Speed Fast Ethernet Transceiver
More results

Similar Description - LXT970QC

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SP-FE-LX-CDA SOURCE-SP-FE-LX-CDA Datasheet
589Kb / 7P
   Fast Ethernet SFP Transceiver
logo
Intel Corporation
LXT970A INTEL-LXT970A Datasheet
1Mb / 74P
   Dual-Speed Fast Ethernet Transceiver
logo
STMicroelectronics
AN1301 STMICROELECTRONICS-AN1301 Datasheet
160Kb / 8P
   SINGLE PORT FAST ETHERNET TRANSCEIVER
logo
AVAGO TECHNOLOGIES LIMI...
SPFEIM100_G AVAGO-SPFEIM100_G Datasheet
316Kb / 5P
   Fiber Optic Transceiver For Fast Ethernet
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180 Datasheet
181Kb / 10P
   10/100 FAST ETHERNET PHY TRANSCEIVER
logo
STMicroelectronics
STE101P STMICROELECTRONICS-STE101P Datasheet
103Kb / 5P
   10/100 Fast ethernet 3.3V transceiver
STE100P STMICROELECTRONICS-STE100P_06 Datasheet
348Kb / 31P
   10/100 FAST ETHERNET 3.3V TRANSCEIVER
STE100P STMICROELECTRONICS-STE100P Datasheet
193Kb / 29P
   10/100 FAST ETHERNET 3.3V TRANSCEIVER
logo
Micro Linear Corporatio...
ML6673 MICRO-LINEAR-ML6673 Datasheet
183Kb / 8P
   Fast Ethernet/FDDI TP-PMD Transceiver
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180_01 Datasheet
163Kb / 22P
   10/100 Fast Ethernet PHY Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com