Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N3634 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 2N3634
Description  SILICON PNP TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N3634 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  2N3634 Datasheet HTML 1Page - Central Semiconductor Corp 2N3634 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N3634
2N3635
SILICON
PNP TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N3634 and 2N3635
are silicon PNP epitaxial planar transistors designed for
general purpose switching and amplifier applications.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
140
V
Collector-Emitter Voltage
VCEO
140
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
1.0
A
Power Dissipation
PD
1.0
W
Power Dissipation (TC=25°C)
PD
5.0
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
Thermal Resistance
ΘJA
175
°C/W
Thermal Resistance
ΘJC
35
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=100V
100
nA
IEBO
VEB=3.0V
50
nA
BVCBO
IC=100μA
140
V
BVCEO
IC=10mA
140
V
BVEBO
IE=10μA
5.0
V
VCE(SAT)
IC=10mA, IB=1.0mA
0.3
V
VCE(SAT)
IC=50mA, IB=5.0mA
0.5
V
VBE(SAT)
IC=10mA, IB=1.0mA
0.8
V
VBE(SAT)
IC=50mA, IB=5.0mA
0.65
0.9
V
fT
VCE=30V, IC=30mA, f=100MHz (2N3634)
150
MHz
fT
VCE=30V, IC=30mA, f=100MHz (2N3635)
200
MHz
Cob
VCB=20V, IE=0, f=1.0MHz
10
pF
Cib
VEB=1.0V, IC=0, f=1.0MHz
75
pF
NF
VCE=10V, IC=0.5mA, RS=1.0kΩ, f=1.0kHz
3.0
dB
ton
VCC=100V, VBE=4.0V, IC=50mA
400
ns
toff
IB1=IB2=5.0mA
600
ns
TO-39 CASE
R1 (17-September 2013)
www.centr a lsemi.com


Similar Part No. - 2N3634

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3634 BOCA-2N3634 Datasheet
219Kb / 6P
   GENERAL PURPOSE TRANSISTOR (PNP SILICON)
logo
Microsemi Corporation
2N3634 MICROSEMI-2N3634 Datasheet
57Kb / 2P
   PNP SILICON AMPLIFIER TRANSISTOR
logo
Central Semiconductor C...
2N3634 CENTRAL-2N3634 Datasheet
22Kb / 1P
   Small Signal Transistors
logo
Seme LAB
2N3634 SEME-LAB-2N3634 Datasheet
41Kb / 2P
   PNP SILICON TRANSISTOR
logo
Microsemi Corporation
2N3634 MICROSEMI-2N3634 Datasheet
233Kb / 5P
   RADIATION HARDENED
More results

Similar Description - 2N3634

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S8550-C-AP MCC-S8550-C-AP Datasheet
218Kb / 2P
   PNP Silicon Transistors
logo
Seme LAB
2N6193LCC4 SEME-LAB-2N6193LCC4 Datasheet
21Kb / 2P
   PNP SILICON TRANSISTORS
logo
Unisonic Technologies
2N2955 UTC-2N2955_11 Datasheet
122Kb / 2P
   SILICON PNP TRANSISTORS
logo
Micro Commercial Compon...
S9012-G MCC-S9012-G Datasheet
223Kb / 2P
   PNP Silicon Transistors
logo
Quanzhou Jinmei Electro...
BD680 JMNIC-BD680 Datasheet
33Kb / 1P
   Silicon PNP Transistors
logo
Weitron Technology
WTA8921 WEITRON-WTA8921 Datasheet
621Kb / 4P
   PNP Silicon Transistors
logo
Micro Electronics
PN3638 MICRO-ELECTRONICS-PN3638 Datasheet
191Kb / 2P
   PNP SILICON TRANSISTORS
logo
Micro Commercial Compon...
2SA1980-O MCC-2SA1980-O Datasheet
213Kb / 2P
   PNP Silicon Transistors
2SA562-O MCC-2SA562-O Datasheet
332Kb / 2P
   PNP Silicon Transistors
logo
Quanzhou Jinmei Electro...
2SA633 JMNIC-2SA633 Datasheet
115Kb / 1P
   Silicon PNP Transistors
BD810_2015 JMNIC-BD810_2015 Datasheet
127Kb / 1P
   Silicon PNP Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com