Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPG101P Datasheet(PDF) 2 Page - NEC

Part # UPG101P
Description  WIDE BAND AMPLIFIER CHIPS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPG101P Datasheet(HTML) 2 Page - NEC

  UPG101P Datasheet HTML 1Page - NEC UPG101P Datasheet HTML 2Page - NEC UPG101P Datasheet HTML 3Page - NEC UPG101P Datasheet HTML 4Page - NEC UPG101P Datasheet HTML 5Page - NEC UPG101P Datasheet HTML 6Page - NEC UPG101P Datasheet HTML 7Page - NEC UPG101P Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
PPPPPG100P, PPPPPG101P
ELECTRICAL CHARACTERISTICS (TA = 25 °C)
*3
PPG100P (VDD = +5 V, VGG = ð5 V)
CHARACTERISTICS
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Drain Current
IDD
30
45
60
mA
RF OFF
Gate Current
IGG
0.7
1.5
mA
Power Gain
Gp
14
16
dB
f = 0.05 to 3 GHz
Gain Flatness
'Gp
r1.5
dB
Noise Figure
NF
2.7
3.5
dB
Input Return Loss
RLin
710
dB
Output Return Loss
RLout
710
dB
Isolation
ISOL
30
40
dB
Output Power at 1 dB Gain
Compression Point
PO(1 dB)
+3
+6
dBm
PPG101P (VDD = +8 V, VGG = ð5 V)
CHARACTERISTICS
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Drain Current
IDD
70
100
140
mA
RF OFF
Gate Current
IGG
1.0
3.0
mA
Power Gain
Gp
12
14
dB
f = 0.05 to 3 GHz
Gain Flatness
'Gp
r1.5
dB
Noise Figure
NF
5
7
dB
Input Return Loss
RLin
68
dB
Output Return Loss
RLout
68
dB
Isolation
ISOL
30
40
dB
Output Power at 1 dB Gain
Compression Point
PO(1 dB)
+16
+18
dBm
*3
These characteristics are based on performance of devices mounted in the standard package shown in Fig. 1.


Similar Part No. - UPG101P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPG101P RENESAS-UPG101P Datasheet
212Kb / 10P
   GaAs INTEGRATED CIRCUIT
1992
More results

Similar Description - UPG101P

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
KGF2701 OKI-KGF2701 Datasheet
100Kb / 7P
   Wide-Band Amplifier
logo
NEC
UPG103B NEC-UPG103B Datasheet
47Kb / 8P
   WIDE-BAND AMPLIFIER
logo
Sony Corporation
CXA1777N SONY-CXA1777N Datasheet
129Kb / 7P
   WIDE BAND DIFFERENTIAL AMPLIFIER
logo
Guangdong Kexin Industr...
2SA1575 KEXIN-2SA1575 Datasheet
53Kb / 2P
   Wide-Band Amplifier Applications
logo
Advanced Semiconductor ...
AWB459 ASB-AWB459 Datasheet
945Kb / 12P
   Wide band MMIC Amplifier
January 2015
logo
STMicroelectronics
BFX89 STMICROELECTRONICS-BFX89 Datasheet
96Kb / 4P
   WIDE BAND VHF/UHF AMPLIFIER
logo
NXP Semiconductors
NE5204A PHILIPS-NE5204A Datasheet
190Kb / 14P
   Wide-band high-frequency amplifier
1992 Feb 25
logo
NTE Electronics
NTE726 NTE-NTE726 Datasheet
24Kb / 2P
   Integrated Circuit Wide Band Amplifier
logo
Toshiba Semiconductor
TA4011FU TOSHIBA-TA4011FU_07 Datasheet
176Kb / 5P
   UHF Wide Band Amplifier Applications
TA4019F TOSHIBA-TA4019F_07 Datasheet
467Kb / 7P
   UHF Wide Band Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com