Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N2219 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part No. 2N2219
Description  SILICON NPN TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CENTRAL [Central Semiconductor Corp]
Homepage  http://www.centralsemi.com
Logo 

   
 2 page
background image
2N2219
2N2219A
SILICON
NPN TRANSISTORS
TO-39 CASE - MECHANICAL OUTLINE
LEAD CODE:
1) Emitter
2) Base
3) Collector
MARKING: FULL PART NUMBER
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C)
2N2219
2N2219A
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
fT
VCE=20V, IC=20mA
250
-
300
-
MHz
Cob
VCB=10V, f=100kHz
-
8.0
-
8.0
pF
ton
VCC=30V, IC=150mA, IB=15mA
-
35
-
35
ns
toff
VCC=30V, IC=150mA, IB1=IB2=15mA
-
285
-
285
ns
www.centr a lsemi.com
R1 (31-July 2013)




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl