Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N1131 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part No. 2N1131
Description  SILICON PNP TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CENTRAL [Central Semiconductor Corp]
Homepage  http://www.centralsemi.com
Logo 

   
 1 page
background image
2N1131
SILICON
PNP TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N1131 is a
silicon PNP transistor mounted in a hermetically
sealed package designed for medium current
switching applications.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage (RBE=10Ω)
VCER
50
V
Collector-Emitter Voltage
VCEO
35
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
0.6
A
Power Dissipation (TC=25°C)
PD
2.0
W
Power Dissipation
PD
0.6
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=30V
1.0
μA
ICBO
VCB=30V, TA=150°C
100
μA
ICBO
VCB=50V
100
μA
IEBO
VEB=2.0V
100
μA
BVCBO
IC=100μA
50
V
BVCER
IC=100mA, RBE=10Ω
50
V
BVCEO
IC=100mA
35
V
BVEBO
IE=100μA
5.0
V
VCE(SAT)
IC=150mA, IB=15mA
1.5
V
VBE(SAT)
IC=150mA, IB=15mA
1.3
V
hFE
VCE=10V, IC=5.0mA
15
hFE
VCE=10V, IC=150mA
20
45
fT
VCE=10V, IC=50mA, f=20MHz
50
MHz
Cob
VCB=10V, IE=0, f=100kHz
45
pF
Cib
VEB=0.5V, IC=0, f=100kHz
80
pF
TO-39 CASE
R0 (3-April 2013)
www.centr a lsemi.com




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl