Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPG100P Datasheet(PDF) 6 Page - NEC

Part # UPG100P
Description  WIDE BAND AMPLIFIER CHIPS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPG100P Datasheet(HTML) 6 Page - NEC

  UPG100P Datasheet HTML 1Page - NEC UPG100P Datasheet HTML 2Page - NEC UPG100P Datasheet HTML 3Page - NEC UPG100P Datasheet HTML 4Page - NEC UPG100P Datasheet HTML 5Page - NEC UPG100P Datasheet HTML 6Page - NEC UPG100P Datasheet HTML 7Page - NEC UPG100P Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
PPPPPG100P, PPPPPG101P
CHIP DIMENSIONS (Unit : mm)
PPG100P
8
9
10
1
23
4
1.3
1: IN
2: GND
3: GND
4: VGG
5: GND
6: GND
7: OUT
8: GND
9: VDD
10: GND
56
7
Bonding Pad Size: 100 m
× 100 m
µµ
PPG101P
8
9
10
1
23
4
1.3
1: IN
2: GND
3: GND
4: VGG
5: GND
6: GND
7: OUT
8: GND
9: VDD
10: GND
56
7
Bonding Pad Size: 100 m
∞ 100 m
µµ


Similar Part No. - UPG100P

ManufacturerPart #DatasheetDescription
logo
NEC
UPG100P NEC-UPG100P Datasheet
57Kb / 4P
   LOW NOISE WIDE-BAND AMPLIFIER
logo
Renesas Technology Corp
UPG100P RENESAS-UPG100P Datasheet
212Kb / 10P
   GaAs INTEGRATED CIRCUIT
1992
More results

Similar Description - UPG100P

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
KGF2701 OKI-KGF2701 Datasheet
100Kb / 7P
   Wide-Band Amplifier
logo
NEC
UPG103B NEC-UPG103B Datasheet
47Kb / 8P
   WIDE-BAND AMPLIFIER
logo
Sony Corporation
CXA1777N SONY-CXA1777N Datasheet
129Kb / 7P
   WIDE BAND DIFFERENTIAL AMPLIFIER
logo
Guangdong Kexin Industr...
2SA1575 KEXIN-2SA1575 Datasheet
53Kb / 2P
   Wide-Band Amplifier Applications
logo
Advanced Semiconductor ...
AWB459 ASB-AWB459 Datasheet
945Kb / 12P
   Wide band MMIC Amplifier
January 2015
logo
STMicroelectronics
BFX89 STMICROELECTRONICS-BFX89 Datasheet
96Kb / 4P
   WIDE BAND VHF/UHF AMPLIFIER
logo
NXP Semiconductors
NE5204A PHILIPS-NE5204A Datasheet
190Kb / 14P
   Wide-band high-frequency amplifier
1992 Feb 25
logo
NTE Electronics
NTE726 NTE-NTE726 Datasheet
24Kb / 2P
   Integrated Circuit Wide Band Amplifier
logo
Toshiba Semiconductor
TA4011FU TOSHIBA-TA4011FU_07 Datasheet
176Kb / 5P
   UHF Wide Band Amplifier Applications
TA4019F TOSHIBA-TA4019F_07 Datasheet
467Kb / 7P
   UHF Wide Band Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com